データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMD-3500 データシート(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

部品番号 SMD-3500
部品情報  TRIPLE BALANCED MIXER WIDE BANDWIDTH 1-3500 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNERGY [SYNERGY MICROWAVE CORPORATION]
ホームページ  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

SMD-3500 データシート(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

  SMD-3500 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION SMD-3500 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TRIPLE BALANCED MIXER
MODEL SMD-3500
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © 2006 Synergy Microwave Corporation
WIDE BANDWIDTH
1-3500 MHz
PERFORMANCE PLOTS


同様の部品番号 - SMD-3500

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SMD-3500 ETC1-SMD-3500 Datasheet
206Kb / 2P
   TRIPLE BALANCED MIXER
logo
SYNERGY MICROWAVE CORPO...
SMD-3500L SYNERGY-SMD-3500L Datasheet
269Kb / 4P
   SURFACE MOUNT MODEL TRIPLE-BALANCED MIXER SURFACE MOUNT 10 - 3500 MHz
More results

同様の説明 - SMD-3500

メーカー部品番号データシート部品情報
logo
SYNERGY MICROWAVE CORPO...
SMD6000 SYNERGY-SMD6000 Datasheet
201Kb / 2P
   DOUBLE BALANCED MIXER ULTRA WIDE BANDWIDTH 1 - 6000 MHz
SMD-3500L SYNERGY-SMD-3500L Datasheet
269Kb / 4P
   SURFACE MOUNT MODEL TRIPLE-BALANCED MIXER SURFACE MOUNT 10 - 3500 MHz
SGM-2-17 SYNERGY-SGM-2-17 Datasheet
252Kb / 4P
   DOUBLE-BALANCED MIXER SURFACE WIDE BANDWIDTH 250 - 3250 MHz
logo
Tyco Electronics
MA4EXP400H-1277T MACOM-MA4EXP400H-1277T Datasheet
213Kb / 5P
   Silicon Double Balanced HMICTM Mixer, 3500 - 4500 MHz
logo
SIRENZA MICRODEVICES
DBM-700 SIRENZA-DBM-700 Datasheet
113Kb / 2P
   High Level Subminiature Mismatch Insensitive Flatback double Balanced Mixer 1-3500 MHz
logo
List of Unclassifed Man...
DBM-701S ETC1-DBM-701S Datasheet
113Kb / 2P
   High Level SMA Connectorized Double Balanced Mixer Mismatch Insensitive 1-3500 MHz
DBM-700H ETC2-DBM-700H Datasheet
2Mb / 2P
   High Level Subminiature Mismatch Insensitive Flatpack Double Balanced Mixer 1-3500 MHz
logo
SYNERGY MICROWAVE CORPO...
SGM-2-13 SYNERGY-SGM-2-13 Datasheet
285Kb / 3P
   DOUBLE-BALANCED MIXER SURFACE WIDE BANDWIDTH - GALAXY SERIES 250 - 3250 MHz
logo
Tyco Electronics
MZ8810 MACOM-MZ8810 Datasheet
122Kb / 2P
   TRIPLE-BALANCED MIXER
MY89 MACOM-MY89 Datasheet
143Kb / 2P
   TRIPLE-BALANCED MIXER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com