データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8010 データシート(PDF) 6 Page - Analog Devices

部品番号 AD8010
部品情報  200 mA Output Current High-Speed Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8010 データシート(HTML) 6 Page - Analog Devices

Back Button AD8010 Datasheet HTML 2Page - Analog Devices AD8010 Datasheet HTML 3Page - Analog Devices AD8010 Datasheet HTML 4Page - Analog Devices AD8010 Datasheet HTML 5Page - Analog Devices AD8010 Datasheet HTML 6Page - Analog Devices AD8010 Datasheet HTML 7Page - Analog Devices AD8010 Datasheet HTML 8Page - Analog Devices AD8010 Datasheet HTML 9Page - Analog Devices AD8010 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD8010
–6–
REV. B
FREQUENCY – MHz
–10
–20
0.03
500
0.1
1
10
100
–30
–40
–80
–50
–60
–70
+PSRR
–PSRR
Figure 15. PSRR vs. Frequency
FREQUENCY – MHz
0.1
500
1
10
100
310
100
31
10
3.1
1
0.31
0.1
0.031
G = +2
Figure 16. Closed-Loop Output Resistance vs. Frequency
FREQUENCY – MHz
2
1
0.1
1000
1
10
100
–1
–2
–7
–3
–4
–5
–6
0
GAIN AS SHOWN
VO = 2V p-p
RL = 18.75
G = +1
G = +10
G = +2
Figure 17. Large Signal Frequency Response; VO = 2 V p-p
FREQUENCY – MHz
0.1
500
1
10
100
0
–10
–100
–20
–30
–40
–50
–60
–70
–80
–90
Figure 18. CMRR vs. Frequency
FREQUENCY – Hz
316
0.316
10k
1G
100k
1M
10M
100M
100
31.6
10
3.16
1
90
135
180
225
45
0
TRANSRESISTANCE
1000
PHASE
Figure 19. Transresistance and Phase vs. Frequency;
RL = 18.75
FREQUENCY – MHz
0.1
1000
0
10
100
3.0
2.0
–7.0
1.0
0.0
–1.0
–2.0
–3.0
–4.0
–5.0
–6.0
GAIN AS SHOWN
VO = 4V p-p
RL = 18.75
G = +10
G = +2
Figure 20. Large Signal Frequency Response; VO = 4 V p-p


同様の部品番号 - AD8010

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8010 AD-AD8010 Datasheet
164Kb / 12P
   200 mA Output Current High Speed Amplifier
REV. A
AD8010AN AD-AD8010AN Datasheet
164Kb / 12P
   200 mA Output Current High Speed Amplifier
REV. A
AD8010AR AD-AD8010AR Datasheet
164Kb / 12P
   200 mA Output Current High Speed Amplifier
REV. A
AD8010AR-16 AD-AD8010AR-16 Datasheet
164Kb / 12P
   200 mA Output Current High Speed Amplifier
REV. A
AD8010AR-16-REEL AD-AD8010AR-16-REEL Datasheet
164Kb / 12P
   200 mA Output Current High Speed Amplifier
REV. A
More results

同様の説明 - AD8010

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8010 AD-AD8010_15 Datasheet
189Kb / 12P
   200 mA Output Current High-Speed Amplifier
REV. B
AD8010 AD-AD8010 Datasheet
164Kb / 12P
   200 mA Output Current High Speed Amplifier
REV. A
AD8017 AD-AD8017_02 Datasheet
227Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. C
AD8017 AD-AD8017 Datasheet
223Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. A
AD8017 AD-AD8017_15 Datasheet
441Kb / 17P
   Dual High Output Current, High Speed Amplifier
REV. C
AD8017ARZ-REEL7 AD-AD8017ARZ-REEL7 Datasheet
415Kb / 17P
   Dual High Output Current High Speed Amplifier
REV. C
AD8017ARZ AD-AD8017ARZ Datasheet
410Kb / 17P
   Dual High Output Current, High Speed Amplifier
REV. C
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com