データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8010AR-16 データシート(PDF) 9 Page - Analog Devices

部品番号 AD8010AR-16
部品情報  200 mA Output Current High-Speed Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8010AR-16 データシート(HTML) 9 Page - Analog Devices

Back Button AD8010AR-16 Datasheet HTML 4Page - Analog Devices AD8010AR-16 Datasheet HTML 5Page - Analog Devices AD8010AR-16 Datasheet HTML 6Page - Analog Devices AD8010AR-16 Datasheet HTML 7Page - Analog Devices AD8010AR-16 Datasheet HTML 8Page - Analog Devices AD8010AR-16 Datasheet HTML 9Page - Analog Devices AD8010AR-16 Datasheet HTML 10Page - Analog Devices AD8010AR-16 Datasheet HTML 11Page - Analog Devices AD8010AR-16 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD8010
–9–
REV. B
APPLICATIONS
Video Distribution Amplifier
The AD8010 is optimized for the specific function of providing
excellent video performance when driving multiple video loads
in parallel. Significant power is saved and heat sinking is greatly
simplified because of the ability of the AD8010 to obtain this
performance when running on a
±5 V supply. However, due to
the high currents that flow when driving many parallel video
loads, special layout and bypassing techniques are required to
assure optimal performance.
When designing a video distribution amplifier with the AD8010, it
is very important to keep in mind where the high (ac) currents
will flow. These paths include the power supply pins of the chip
along with the bypass capacitors and the return path for these
capacitors, the output circuits and the return path of the output
current from the loads.
In general, any loops that are formed by any of the above paths
should be made as small as possible. Large loops are both gen-
erators and receivers of magnetic fields and can cause undesired
coupling of signals that lowers the performance of the amplifier.
Effects that have not been seen before in other op amp circuits
might arise because of the high currents. Most op amp circuits
output, at most, tens of milliamps and do not require extremely
tight video specifications, while a video distribution amplifier
can output hundreds of milliamps and require extremely low
differential gain and phase errors.
The bypassing scheme that is used for the AD8010 requires
special attention. It was found that the conventional technique
of bypassing each power pin individually to ground can have an
adverse effect on the differential phase error of the circuit. The
cause of this is attributed to the fact that there is an internal
compensation capacitor in the AD8010 that is referenced to the
negative supply.
The recommended technique is to connect parallel bypass
capacitors from the positive supply to the negative supply and
then to bypass the negative supply to ground. For high fre-
quency bypassing, 0.1
µF ceramic capacitors are recommended.
These should be placed within a few millimeters of the power
pins and should preferably be chip type capacitors.
The high currents that can potentially flow through the power
supply pins require large bypassing capacitors. These should be
low inductance tantalum types and at least 47
µF. The ground
side of the capacitor that bypasses the negative supply should be
brought to a single point ground that is the common for the
returns of the outputs.
Figure 30 shows a circuit for making an N-channel video distri-
bution amplifier. As a practical matter, the AD8010 can readily
drive eight standard 150
Ω video loads. When driving up to 12
video loads, there is minimal degradation in video performance.
Another important consideration when driving multiple cables
is the high frequency isolation between the outputs of the
cables. Due to its low output impedance, the AD8010 achieves
better than 46 dB of output-to-output isolation at 5 MHz driv-
ing back terminated 75
Ω cables.
AD8010
VIN
150
75
RL1
499
499
+5V
–5V
75
75
75
75
75
RL2
75
RLN
FB
FB
C1
C2
Figure 30. An N-Channel Video Distribution Amplifier Using An AD8010.
NOTE: Please see Figure 29 for Recommended Bypassing Technique.


同様の部品番号 - AD8010AR-16

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8010AR-16 AD-AD8010AR-16 Datasheet
164Kb / 12P
   200 mA Output Current High Speed Amplifier
REV. A
AD8010AR-16-REEL AD-AD8010AR-16-REEL Datasheet
164Kb / 12P
   200 mA Output Current High Speed Amplifier
REV. A
AD8010AR-16-REEL7 AD-AD8010AR-16-REEL7 Datasheet
164Kb / 12P
   200 mA Output Current High Speed Amplifier
REV. A
More results

同様の説明 - AD8010AR-16

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8010 AD-AD8010_15 Datasheet
189Kb / 12P
   200 mA Output Current High-Speed Amplifier
REV. B
AD8010 AD-AD8010 Datasheet
164Kb / 12P
   200 mA Output Current High Speed Amplifier
REV. A
AD8017 AD-AD8017_02 Datasheet
227Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. C
AD8017 AD-AD8017 Datasheet
223Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. A
AD8017 AD-AD8017_15 Datasheet
441Kb / 17P
   Dual High Output Current, High Speed Amplifier
REV. C
AD8017ARZ-REEL7 AD-AD8017ARZ-REEL7 Datasheet
415Kb / 17P
   Dual High Output Current High Speed Amplifier
REV. C
AD8017ARZ AD-AD8017ARZ Datasheet
410Kb / 17P
   Dual High Output Current, High Speed Amplifier
REV. C
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com