データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZY97C27 データシート(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 BZY97C27
部品情報  ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BZY97C27 データシート(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BZY97C27 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BZY97C27 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BZY97C27 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited BZY97C27 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited BZY97C27 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
◇ Complete voltage range 3.9 to 200 V
◇ For use in stablilizing and clipping circuits
with high power rating.
◇ Smaller voltage tolerances are available
upon request.
MECHANICAL DATA
◇ Case:JEDEC DO-41,molded plastic
◇ Terminals: Axial leads solderable per MIL-
STD-202,Method 208
◇ Polarity: Color band denotes cathods end
◇ Mounting position: any
Parameter
Power dissipation at T
A=60℃ (Note 1)
Maximum thermal resistance
junction to ambient
Junction temperature
Storage temperature range
1)Valid provided that leads at a distance of 3/8" from case are kept at ambient temperature.
Document Number 02840
23
1.
K/W
RθJA
60
BL
GALAXY ELECTRICAL
BZY97---SERIES
-55 to +150
TSTG
TJ
-55 to +150
Symbol
Ptot
ZENER DIODES
◇ Weight: 0.012 ounces,0.34 grams
Unit
Value
1.5
W
Maximum Ratings and Thermal Characteristics
(TA=25℃ unless otherwise noted)
DO -- 41
VZ :
3.9 -- 200 V
POWER DISSIPATION:
1.5 W
BLGALAXYELECTRICAL
www.galaxycn.com


同様の部品番号 - BZY97C27

メーカー部品番号データシート部品情報
logo
Shenzhen Taychipst Elec...
BZY97C27 TAYCHIPST-BZY97C27 Datasheet
3Mb / 3P
   ZENER DIODES
logo
SUNMATE electronic Co.,...
BZY97C27 SUNMATE-BZY97C27 Datasheet
141Kb / 2P
   1.5Watts Axial leaded Zener Diodes
BZY97C27 SUNMATE-BZY97C27 Datasheet
601Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
BZY97C27 LUGUANG-BZY97C27 Datasheet
2Mb / 5P
   Zener Diodes
logo
List of Unclassifed Man...
BZY97C27GP ETC1-BZY97C27GP Datasheet
74Kb / 5P
   1.5 W Zener Diodes
More results

同様の説明 - BZY97C27

メーカー部品番号データシート部品情報
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com