データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL21007DFB812Z データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL21007DFB812Z
部品情報  Precision, Low Noise FGA?줧oltage References
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21007DFB812Z データシート(HTML) 5 Page - Intersil Corporation

  ISL21007DFB812Z Datasheet HTML 1Page - Intersil Corporation ISL21007DFB812Z Datasheet HTML 2Page - Intersil Corporation ISL21007DFB812Z Datasheet HTML 3Page - Intersil Corporation ISL21007DFB812Z Datasheet HTML 4Page - Intersil Corporation ISL21007DFB812Z Datasheet HTML 5Page - Intersil Corporation ISL21007DFB812Z Datasheet HTML 6Page - Intersil Corporation ISL21007DFB812Z Datasheet HTML 7Page - Intersil Corporation ISL21007DFB812Z Datasheet HTML 8Page - Intersil Corporation ISL21007DFB812Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
FN6326.7
December 13, 2007
Electrical Specifications (ISL21007-20, VOUT = 2.048V) VIN = 3.0V, TA = -40°C to +125°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input Voltage Range
2.7
5.5
V
VOUT
Output Voltage
2.048
V
ΔV
OUT /ΔVIN
Line Regulation
2.7V < VIN < 5.5V
50
200
µV/V
ΔV
OUT/ΔIOUT
Load Regulation
Sourcing: 0mA
≤ I
OUT ≤ 7mA
10
100
µV/mA
Sinking: -7mA
≤ I
OUT ≤ 0mA
20
150
µV/mA
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
50
mA
ΔV
OUT/ΔTA
Thermal Hysteresis (Note 5)
ΔT
A = +165°C
50
ppm
ΔV
OUT/Δt
Long Term Stability (Note 6)
TA = +25°C
75
ppm
Electrical Specifications (ISL21007-25, VOUT = 2.500V) VIN = 3.0V, TA = -40°C to +125°C, unless otherwise specified
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input Voltage Range
2.7
5.5
V
VOUT
Output Voltage
2.500
V
ΔV
OUT /ΔVIN
Line Regulation
2.7V < VIN < 5.5V
50
200
µV/V
ΔV
OUT/ΔIOUT
Load Regulation
Sourcing: 0mA
≤ I
OUT ≤ 5mA
10
100
µV/mA
Sinking: -5mA
≤ I
OUT ≤ 0mA
20
150
µV/mA
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
50
mA
ΔV
OUT/ΔTA
Thermal Hysteresis (Note 5)
ΔT
A = +165°C
50
ppm
ΔV
OUT/Δt
Long Term Stability (Note 6)
TA = +25°C
50
ppm
Electrical Specifications (ISL21007-30, VOUT = 3.000V) VIN = 5.0V, TA = -40°C to +125°C, unless otherwise specified
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input Voltage Range
3.2
5.5
V
VOUT
Output Voltage
3.000
V
ΔV
OUT /ΔVIN
Line Regulation
3.2V < VIN < 5.5V
50
200
µV/V
ΔV
OUT/ΔIOUT
Load Regulation
Sourcing: 0mA
≤ I
OUT ≤ 7mA
10
100
µV/mA
Sinking: -7mA
≤ I
OUT ≤ 0mA
20
150
µV/mA
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
50
mA
ΔV
OUT/ΔTA
Thermal Hysteresis (Note 5)
ΔT
A = +165°C
50
ppm
ΔV
OUT/Δt
Long Term Stability (Note 6)
TA = +25°C
50
ppm
4. Over the specified temperature range. Temperature coefficient is measured by the box method whereby the change in VOUT is divided by the
temperature range; in this case, -40°C to +125°C = +165°C.
5. Thermal Hysteresis is the change of VOUT measured at TA = +25°C after temperature cycling over a specified range, ΔTA. VOUT is read initially
at TA = +25°C for the device under test. The device is temperature cycled and a second VOUT measurement is taken at +25°C. The difference
between the initial VOUT reading and the second VOUT reading is then expressed in ppm. For Δ TA = +165°C, the device under test is cycled
from +25°C to +125°C to -40°C to +25°C.
6. Long term drift is logarithmic in nature and diminishes over time. Drift after the first 1000 hours will be approximately 10ppm/
√(1kHrs)
ISL21007


同様の部品番号 - ISL21007DFB812Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21007DFB812Z INTERSIL-ISL21007DFB812Z Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21007DFB812Z INTERSIL-ISL21007DFB812Z Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007DFB812Z RENESAS-ISL21007DFB812Z Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results

同様の説明 - ISL21007DFB812Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21060 RENESAS-ISL21060 Datasheet
2Mb / 21P
   Precision, Low Noise FGA™ Voltage References with Disable
December 19, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com