データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL21009BFB850Z データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL21009BFB850Z
部品情報  High Voltage Input Precision, Low Noise FGA??Voltage References
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21009BFB850Z データシート(HTML) 5 Page - Intersil Corporation

  ISL21009BFB850Z Datasheet HTML 1Page - Intersil Corporation ISL21009BFB850Z Datasheet HTML 2Page - Intersil Corporation ISL21009BFB850Z Datasheet HTML 3Page - Intersil Corporation ISL21009BFB850Z Datasheet HTML 4Page - Intersil Corporation ISL21009BFB850Z Datasheet HTML 5Page - Intersil Corporation ISL21009BFB850Z Datasheet HTML 6Page - Intersil Corporation ISL21009BFB850Z Datasheet HTML 7Page - Intersil Corporation ISL21009BFB850Z Datasheet HTML 8Page - Intersil Corporation ISL21009BFB850Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
FN6327.6
September 12, 2007
Electrical Specifications (ISL21009-25, VOUT = 2.50V)
VIN = 5.0V, TA = -40°C to +125°C, IOUT = 0, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOUT
Output Voltage
2.500
V
VIN
Input Voltage Range
3.5
16.5
V
ΔV
OUT/ΔVIN
Line Regulation
3.5V < VIN < 5.5V
50
150
µV/V
5.5V < VIN < 16.5V
10
50
µV/V
ΔV
OUT/ΔIOUT
Load Regulation
Sourcing: 0mA
≤ I
OUT ≤ 7mA
10
50
µV/mA
Sinking: -7mA
≤ I
OUT ≤ 0mA
20
100
µV/mA
ΔV
OUT/ΔTA
Thermal Hysteresis (Note 5)
ΔT
A = +165°C
50
ppm
ΔV
OUT/Δt
Long Term Stability (Note 6)
TA = +25°C
50
ppm
Electrical Specifications (ISL21009-41, VOUT = 4.096V)
VIN = 5.0V, TA = -40°C to +125°C, IOUT = 0 unless otherwise
specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOUT
Output Voltage
4.096
V
VIN
Input Voltage Range
4.5
16.5
V
ΔV
OUT/ΔVIN
Line Regulation
4.5V < VIN < 16.5V
50
200
µV/V
ΔV
OUT/ΔIOUT
Load Regulation
Sourcing: 0mA
≤ I
OUT ≤ 5mA
20
100
µV/mA
Sinking: -5mA
≤ I
OUT ≤ 0mA
20
150
µV/mA
ΔV
OUT/ΔTA
Thermal Hysteresis (Note 5)
ΔT
A = +165°C
50
ppm
ΔV
OUT/Δt
Long Term Stability (Note 6)
TA = +25°C
50
ppm
Electrical Specifications (ISL21009-50, VOUT = 5.0V) VIN = 10.0V, TA = -40°C to +125°C, IOUT = 0 unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOUT
Output Voltage
5.000
V
VIN
Input Voltage Range
5.5
16.5
V
ΔV
OUT/ΔVIN
Line Regulation
5.5V < VIN < 16.5V
20
90
µV/V
ΔV
OUT/ΔIOUT
Load Regulation
Sourcing: 0mA
≤ I
OUT ≤ 7mA
10
100
µV/mA
Sinking: -7mA
≤ I
OUT ≤ 0mA
20
150
µV/mA
ΔV
OUT/ΔTA
Thermal Hysteresis (Note 5)
ΔT
A = +165°C
50
ppm
ΔV
OUT/Δt
Long Term Stability (Note 6)
TA = +25°C
50
ppm
NOTES:
4. Over the specified temperature range. Temperature coefficient is measured by the box method whereby the change in VOUT is divided by the
temperature range; in this case, -40°C to +125°C = +165°C.
5. Thermal Hysteresis is the change of VOUT measured @ TA = +25°C after temperature cycling over a specified range, ΔTA. VOUT is read initially
at TA = +25°C for the device under test. The device is temperature cycled and a second VOUT measurement is taken at +25°C. The difference
between the initial VOUT reading and the second VOUT reading is then expressed in ppm. For Δ TA = +165°C, the device under test is cycled
from +25°C to +125°C to -40°C to +25°C.
6. Long term drift is logarithmic in nature and diminishes over time. Drift after the first 1000 hours will be approximately 10ppm/sqrt(1kHrs).
ISL21009


同様の部品番号 - ISL21009BFB850Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21009BFB850Z INTERSIL-ISL21009BFB850Z Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21009BFB850Z INTERSIL-ISL21009BFB850Z Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21009BFB850Z RENESAS-ISL21009BFB850Z Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
logo
Intersil Corporation
ISL21009BFB850Z-TK INTERSIL-ISL21009BFB850Z-TK Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
More results

同様の説明 - ISL21009BFB850Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21009MEP RENESAS-ISL21009MEP Datasheet
640Kb / 14P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
December 15, 2008
ISL21009 RENESAS-ISL21009 Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com