データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA110 データシート(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 SA110
部品情報  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SA110 データシート(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SA110 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SA110 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SA110 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SA110 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BLGALAXYELECTRICAL
www.galaxycn.com
MIN
MAX
SA5.0
6.40
7.30
10
9.6
5.0
SA5.0A
6.40
7.00
10
9.2
5.0
SA6.0
6.67
8.15
10
11.4
5.0
SA6.0A
6.67
7.37
10
10.3
5.0
SA6.5
7.22
8.82
10
12.3
5.0
SA6.5A
7.22
7.98
10
11.2
5.0
SA7.0
7.78
9.51
10
13.3
6.0
SA7.0A
7.78
8.60
10
12.0
6.0
SA7.5
8.33
10.2
1.0
14.3
7.0
SA7.5A
8.33
9.21
1.0
12.9
7.0
SA8.0
8.89
10.9
1.0
15.0
7.0
SA8.0A
8.89
9.83
1.0
13.6
7.0
SA8.5
9.44
11.5
1.0
15.9
8.0
SA8.5A
9.44
10.4
1.0
14.4
8.0
SA9.0
10.0
12.2
1.0
16.9
9.0
SA9.0A
10.0
11.1
1.0
15.4
9.0
SA10
11.1
13.6
1.0
18.8
10.0
SA10A
11.1
12.3
1.0
17.0
10.0
SA11
12.2
14.9
1.0
20.1
11.0
SA11A
12.2
13.5
1.0
18.2
11.0
SA12
13.3
16.3
1.0
22.0
12.0
SA12A
13.3
14.7
1.0
19.9
12.0
SA13
14.4
17.6
1.0
23.8
13.0
SA13A
14.4
15.9
1.0
21.5
13.0
SA14
15.6
19.1
1.0
25.8
14.0
SA14A
15.6
17.2
1.0
23.2
14.0
SA15
16.7
20.4
1.0
26.9
16.0
SA15A
16.7
18.5
1.0
24.4
16.0
SA16
17.8
21.8
1.0
28.8
19.0
SA16A
17.8
19.7
1.0
26.0
17.0
SA17
18.9
23.1
1.0
30.5
20.0
SA17A
18.9
20.9
1.0
27.6
19.0
6.0
48.5
5.0
600
54.3
18.1
5.0
600
52.1
6.0
7.0
8.0
17.0
12.0
14.0
15.0
1.0
1.0
1.0
8.5
10.0
8.5
11.0
9.0
10.0
9.0
11.0
600
150
25
10
600
6.5
6.5
7.0
150
21.6
20.5
19.2
1.0
1.0
1.0
23.3
1.0
1.0
1.0
1.0
43.9
37.6
33.3
31.4
26.6
22.7
36.8
24.9
27.5
ELECTRICAL CHARACTERISTICS at(TA=25
unle ss othe rw ise note d)
TABLE 1
Device Type
Maxim um
tem perature
coefficient
of V(BR)
(m V/
)
Maxim um
clam ping
voltage at
IPPM
VC(Volts)
Test
current
at
IT
(m A)
Stand-off
voltage
VWM
(Volts)
Maxim um
reverse
leakage
at VWM
ID (NOTE3)
(
A)
Maxim um
peak pulse
current
IPPM
(NO TE 2)
(Am ps)
Breakdown voltage
V(BR)
(Volts) (NO TE1)
40.7
44.7
400
400
41.7
38.8
35.0
50
50
7.5
7.5
8.0
25
10
34.7
5.0
29.6
5.0
32.5
29.4
1.0
18.6
17.4
16.4
16.0
17.0
1.0
1.0
1.0
15.0
16.0
19.4
13.0
14.0
12.0
1.0
25.1
21.0
1.0
13.0
Document Number 0285012
2.


同様の部品番号 - SA110

メーカー部品番号データシート部品情報
logo
Yangzhou yangjie electr...
SA110 YANGJIE-SA110 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
SA110 PANJIT-SA110 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA110 FCI-SA110 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA110 LUGUANG-SA110 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
RFE international
SA110 RFE-SA110 Datasheet
3Mb / 7P
   FEATURES Voltage Suppressor Diodes
09-08-2022
More results

同様の説明 - SA110

メーカー部品番号データシート部品情報
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com