データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

W08MG データシート(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 W08MG
部品情報  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

W08MG データシート(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  W08MG Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited W08MG Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GALAXY ELECTRICAL
FEATURES
Rating to 1000V PRV
Surge overload rating to 50 Amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
W02M W04M W06M W08M W10M UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard
Output current
@T
A=25
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
at 1.0 A
VF
V
Maximum reverse current
@T
A=25
μA
at rated DC blocking voltage @T
A=100
mA
Operating junction temperature range
TJ
Storage temperature range
TSTG
100
70
VOLTAGE RANGE: 50 --- 1000 V
CURRENT:
1.5 A
35
50
WOM
- 55 ---- + 150
- 55 ---- + 125
IR
W005M(G)---W10M(G)
A
10.0
Mounting Position: Any
IF(AV)
1.5
SILICON BRIDGE RECTIFIERS
A
W005M W01M
50
100
1.0
1.0
50.0
IFSM
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 0287014
1.
.032(.81)
.028(.71)
.130(3.3)
.150(3.8)
DIA
A
B
A
MIN
1.27(32.3)
LEAD
POS.
1.20(30.5)
MIN
RB15
WO
.265(6.73)
.305(7.75)
.180(4.6)
WOM
.220(6.73)
.355(9.0)
.340(8.6)
.300(7.6)
.395(10.0)
.340(8.6)
.360(9.1)
B
.180
.220
(5.6)
(4.6)
(4.6)
(5.6)
.220
.180
inch(mm)
Glass passivated chip junctions


同様の部品番号 - W08MG

メーカー部品番号データシート部品情報
logo
Jinan Gude Electronic D...
W08MG JGD-W08MG Datasheet
124Kb / 2P
   MINIATURE SINGLE PHASE 1.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
W08MG SECOS-W08MG Datasheet
202Kb / 2P
   1.5AMP Single Phase Bridge Rectifiers
logo
HY ELECTRONIC CORP.
W08MG HY-W08MG Datasheet
369Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Comchip Technology
W08MG-G COMCHIP-W08MG-G Datasheet
98Kb / 3P
   Glass Passivated Bridge Rectifiers
More results

同様の説明 - W08MG

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com