データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28158FBZ-T7 データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL28158FBZ-T7
部品情報  34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28158FBZ-T7 データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL28158FBZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28158FBZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28158FBZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28158FBZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28158FBZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28158FBZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28158FBZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28158FBZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28158FBZ-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN6377.2
February 11, 2008
FIGURE 13. INPUT CURRENT NOISE DENSITY vs FREQUENCY
FIGURE 14. INPUT VOLTAGE NOISE 0.1Hz TO 10Hz
FIGURE 15. LARGE SIGNAL STEP RESPONSE
FIGURE 16. SMALL SIGNAL STEP RESPONSE
FIGURE 17. ENABLE TO OUTPUT RESPONSE
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open. (Continued)
0.1
1
10
1
10
100
1k
10k
100k
FREQUENCY (Hz)
V+ = 5V
RL = 10k
AV = +1
CL = 16.3pF
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
0
123
4
5678
9
10
TIME (s)
V+ = 5V
RL = 10k
Rg = 100, Rf = 100k
AV = 1000
CL = 16.3pF
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0
50
100
150
200
250
300
350
400
TIME (µs)
V+, V- = ±2.5V
RL = 10k
Rg = Rf = 10k
AV = 2
CL = 16.3pF
VOUT = 1VP-P
0.006
0.008
0.010
0.012
0.014
0.016
0.018
0.020
0
50
100
150
200
250
300
350
400
TIME (µs)
V+, V- = ±2.5V
RL = 10k
Rg = Rf = 10k
AV = 2
CL = 16.3pF
VOUT = 10mVP-P
-1
0
1
2
3
4
5
6
0
50
100
150
200
250
300
350
400
TIME (µs)
-0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
V+ = 5V
Rg = Rf = 10k
AV = +2
VOUT = 1VP-P
CL = 16.3pF
V-ENABLE
V-OUT
RL = 10k
ISL28158, ISL28258


同様の部品番号 - ISL28158FBZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28158FBZ-T7 INTERSIL-ISL28158FBZ-T7 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158FBZ-T7 RENESAS-ISL28158FBZ-T7 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
More results

同様の説明 - ISL28158FBZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28168 INTERSIL-ISL28168 Datasheet
851Kb / 16P
   34關A Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28166 INTERSIL-ISL28166_08 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
logo
Renesas Technology Corp
ISL28138 RENESAS-ISL28138 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com