データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28258FBZ データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL28258FBZ
部品情報  34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28258FBZ データシート(HTML) 5 Page - Intersil Corporation

  ISL28258FBZ Datasheet HTML 1Page - Intersil Corporation ISL28258FBZ Datasheet HTML 2Page - Intersil Corporation ISL28258FBZ Datasheet HTML 3Page - Intersil Corporation ISL28258FBZ Datasheet HTML 4Page - Intersil Corporation ISL28258FBZ Datasheet HTML 5Page - Intersil Corporation ISL28258FBZ Datasheet HTML 6Page - Intersil Corporation ISL28258FBZ Datasheet HTML 7Page - Intersil Corporation ISL28258FBZ Datasheet HTML 8Page - Intersil Corporation ISL28258FBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FN6377.2
February 11, 2008
FIGURE 7. GAIN vs FREQUENCY vs SUPPLY VOLTAGE
FIGURE 8. GAIN vs FREQUENCY vs CL
FIGURE 9. CMRR vs FREQUENCY, V+ = 2.4V AND 5V
FIGURE 10. PSRR vs FREQUENCY, V+, V- = ±1.2V
FIGURE 11. PSRR vs FREQUENCY, V+, V- = ±2.5V
FIGURE 12. INPUT VOLTAGE NOISE DENSITY vs FREQUENCY
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open. (Continued)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
V+ = 5V
1k
10k
100k
1M
FREQUENCY (Hz)
RL = 10k
AV = +1
VOUT = 10mVP-P
CL = 16.3pF
V+ = 2.4V
-10
-8
-6
-4
-2
0
2
4
6
8
1k
10k
100k
1M
FREQUENCY (Hz)
CL = 43.3pF
CL = 34.3pF
CL = 16.3pF
CL = 98.3pF
CL = 72.3pF
CL = 55.3pF
V+ = 5V
RL = 10k
AV = +1
VOUT = 10mVP-P
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
V+ = 2.4V, 5V
RL = 10k
AV = +1
VCM = 1VP-P
CL = 16.3pF
-100
-80
-60
-40
-20
0
-90
-70
-50
-30
-10
10
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
V+ = 2.4V
RL = 10k
AV = +1
VCM = 1VP-P
CL = 16.3pF
PSRR-
PSRR+
-100
-80
-60
-40
-20
0
-90
-70
-50
-30
-10
10
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
V+ = 5V
RL = 10k
AV = +1
VCM = 1VP-P
CL = 16.3pF
PSRR-
PSRR+
10
100
1000
1
10
100
1k
10k
100k
FREQUENCY (Hz)
V+ = 5V
RL = 10k
AV = +1
CL = 16.3pF
ISL28158, ISL28258


同様の部品番号 - ISL28258FBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28258FBZ INTERSIL-ISL28258FBZ Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28258FBZ RENESAS-ISL28258FBZ Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28258FBZ-T7 INTERSIL-ISL28258FBZ-T7 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28258FBZ-T7 RENESAS-ISL28258FBZ-T7 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
More results

同様の説明 - ISL28258FBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28168 INTERSIL-ISL28168 Datasheet
851Kb / 16P
   34關A Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28166 INTERSIL-ISL28166_08 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
logo
Renesas Technology Corp
ISL28138 RENESAS-ISL28138 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com