データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28168 データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL28168
部品情報  34關A Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28168 データシート(HTML) 2 Page - Intersil Corporation

  ISL28168 Datasheet HTML 1Page - Intersil Corporation ISL28168 Datasheet HTML 2Page - Intersil Corporation ISL28168 Datasheet HTML 3Page - Intersil Corporation ISL28168 Datasheet HTML 4Page - Intersil Corporation ISL28168 Datasheet HTML 5Page - Intersil Corporation ISL28168 Datasheet HTML 6Page - Intersil Corporation ISL28168 Datasheet HTML 7Page - Intersil Corporation ISL28168 Datasheet HTML 8Page - Intersil Corporation ISL28168 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN6378.2
September 13, 2007
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.75V
Supply Turn On Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . 1V/
μs
Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Thermal Resistance
θJA (°C/W)
6 Ld SOT-23 Package . . . . . . . . . . . . . . . . . . . . . . .
230
8 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
110
8 Ld MSOP Package . . . . . . . . . . . . . . . . . . . . . . . .
115
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . . . . . . .Indefinite
Ambient Operating Temperature Range . . . . . . . . . -40°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . +125°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = 5V, V- = 0V,VCM = 2.5V, RL = Open, TA = +25°C unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C. Temperature data
established by characterization.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 1)
TYP
MAX
(Note 1)
UNIT
DC SPECIFICATIONS
VOS
Input Offset Voltage
6 Ld SOT-23
-1.6
-1.8
±0.09
1.6
1.8
mV
Input Offset Voltage vs Temperature
0.3
µV/°C
IOS
Input Offset Current
TA = -40°C to +85°C
-35
-80
±5
35
80
pA
IB
Input Bias Current
TA = -40°C to +85°C
-30
-80
±10
30
80
pA
CMIR
Common-Mode Voltage Range
Guaranteed by CMRR
0
5
V
CMRR
Common-Mode Rejection Ratio
VCM = 0V to 5V
75
70
98
dB
PSRR
Power Supply Rejection Ratio
V+ = 2.4V to 5.5V
80
75
98
dB
AVOL
Large Signal Voltage Gain
VO = 0.5V to 4.5V, RL = 100kΩ to VCM
100
75
220
V/mV
VO = 0.5V to 4.5V, RL = 1kΩ to VCM
45
V/mV
VOUT
Maximum Output Voltage Swing
Output low, RL = 100kΩ to VCM
5.5
6
20
mV
Output low, RL = 1kΩ to VCM
135
150
250
mV
Output high, RL = 100kΩ to VCM
4.995
4.993
4.996
V
Output high, RL = 1kΩ to VCM
4.84
4.77
4.874
V
IS,ON
Quiescent Supply Current, Enabled
Per Amp
26
10
34
43
55
µA
IS,OFF
Quiescent Supply Current, Disabled
(ISL28168)
10
14
19
µA
IO+
Short-Circuit Output Source Current
RL = 10Ω to VCM
27
15
30
mA
ΔV
OS
ΔT
----------------
ISL28168, ISL28268


同様の部品番号 - ISL28168

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28168 INTERSIL-ISL28168 Datasheet
987Kb / 17P
   Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28168 RENESAS-ISL28168 Datasheet
1Mb / 17P
   34μA Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low InputBias Current Op Amps
July 25, 2011
logo
Intersil Corporation
ISL28168EVAL1Z INTERSIL-ISL28168EVAL1Z Datasheet
987Kb / 17P
   Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28168EVAL1Z RENESAS-ISL28168EVAL1Z Datasheet
1Mb / 17P
   34μA Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low InputBias Current Op Amps
July 25, 2011
logo
Intersil Corporation
ISL28168FHZ-T7 INTERSIL-ISL28168FHZ-T7 Datasheet
987Kb / 17P
   Low Input Bias Current Op Amps
More results

同様の説明 - ISL28168

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28166 INTERSIL-ISL28166_08 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28168 RENESAS-ISL28168 Datasheet
1Mb / 17P
   34μA Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low InputBias Current Op Amps
July 25, 2011
logo
Intersil Corporation
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com