データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD098T2000 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 LD098T2000
部品情報  980nm High-Power Laser Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LD098T2000 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  LD098T2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers LD098T2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers LD098T2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers LD098T2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
980nm High-Power Laser Diode ( LD098T Series)
APPLICATIONS
·
Solid-state Laser Pumping ·Medical Usage
·
Infrared Sources for Night Viewing ·Information Recognition
Main Specifications(Tc=25℃)
Part No.
LD098T50 LD098T200 LD098T300 LD098T500 LD098T1000 LD098T2000
Operating
Wavelength
(nm)
975±15
975±15
975±15
975±15
975±15
975±15
CW Output Power (mW)
50
200
300
500
1000
2000
Threshold Current(A)
0.025
0.13
0.15
0.15
0.30
0.45
Operating Current(A)
0.10
0.30
0.50
0.70
1.60
2.60
Operating Voltage(V)
1.80
1.80
1.80
1.80
1.80
1.80
Differential
Efficiency(W/A)
0.70
0.70
0.70
0.70
0.80
0.80
Beam DivergenceΘΘ
45×10
45×10
45×10
45×10
45×10
45×10
Series Resistance(Ω)
5
1.0
0.80
0.50
0.35
0.20
Package Style
TO5.6 or
C-block
TO9、TO3
or C-block
TO3 or
C-block
TO3 or
C-block
TO3 or
C-block
TO3 or
C-block
*Negative current transients greater than 25µA and /or voltage >3v, can destroy the unit.
TO –3
mm
TO – 5.6 (1:- 2: +) mm
TO – 9(1:- 2: +) mm
CVC INTERNATIONAL LLC


同様の部品番号 - LD098T2000

メーカー部品番号データシート部品情報
logo
Gulf Semiconductor
LD005 GULFSEMI-LD005 Datasheet
202Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.6A
logo
Teledyne Technologies I...
LD00KM TELEDYNE-LD00KM Datasheet
568Kb / 3P
   10A, 270Vdc, Optically Isolated NEW Silicon Carbide, DC Solid-State Relay
06/2023
logo
Gulf Semiconductor
LD01 GULFSEMI-LD01 Datasheet
202Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.6A
logo
HALO Electronics, Inc.
LD01-0166F4LF HALO-LD01-0166F4LF Datasheet
446Kb / 2P
   DIL and SMD Packages
LD01-0366F4LF HALO-LD01-0366F4LF Datasheet
446Kb / 2P
   DIL and SMD Packages
More results

同様の説明 - LD098T2000

メーカー部品番号データシート部品情報
logo
Bookham, Inc.
LC96 BOOKHAM-LC96 Datasheet
151Kb / 5P
   High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LU974C-R BOOKHAM-LU974C-R Datasheet
152Kb / 5P
   980nm Pump Laser Module, Uncooled
LC96UA74-20R BOOKHAM-LC96UA74-20R Datasheet
160Kb / 5P
   ULTRA High Power 980nm Pump Laser Module - Grating Stabilized, 750mW
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 300mW
LC95 BOOKHAM-LC95 Datasheet
341Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 400mW
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Bookham, Inc.
SPC40C-980-01 BOOKHAM-SPC40C-980-01 Datasheet
233Kb / 4P
   40W / 30W 980nm High Brightness Single-Mode Laser Diode Bar on Passive Cu Block Cooler
logo
Sony Corporation
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
   200mW High Power Laser Diode
SLD301XT SONY-SLD301XT Datasheet
98Kb / 8P
   100mW High Power Laser Diode
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com