データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMBD7000 データシート(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 MMBD7000
部品情報  Surface mount switching diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MMBD7000 データシート(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  MMBD7000 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MMBD7000 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MMBD7000 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BL Galaxy Electrical
Production specification
Surface mount switching diode
MMBD7000
Document number: BL/SSSDC069
www.galaxycn.com
Rev.A
1
FEATURES
Pb
Lead-free
For high-speed switching appilication.
Connected in series.
APPLICATIONS
High speed switching application.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
MMBD7000
M5C
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Limits
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
DC Reverse Voltage
VR
100
V
Forward Current
IF
200
mA
Suge forward Current,
t=1μs
IFS
4.5
A
Power Dissipation
Pd
330
mW
Operating Junction Temperature Range
Tj
150
Storage Temperature Range
TSTG
-65 to +150
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Min
MAX
UNIT
Test Condition
Reverse Breakdown Voltage
V(BR)R
100
V
IR= 100μA
Forward Voltage
VF
0.55
0.67
0.75
0.7
0.82
1.1
V
IF=1mA
IF=10mA
IF=100mA
Reverse Leakage Current
IR
300
500
nA
VR=50V
VR=100V
Diode Capacitance
CD
2
pF
VR=0V,f=1MHz
Reverse Recovery Time
trr
15
ns
IF=IR=10mA
RL=100Ω


同様の部品番号 - MMBD7000

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
MMBD7000 DIODES-MMBD7000 Datasheet
100Kb / 5P
   DUAL SURFACE MOUNT SWITCHING DIODE
July 2012
logo
Zowie Technology Corpor...
MMBD7000 ZOWIE-MMBD7000 Datasheet
49Kb / 2P
   DUAL SWITCHING DIODE
logo
TAITRON Components Inco...
MMBD7000 TAITRON-MMBD7000 Datasheet
171Kb / 3P
   Dual Small Signal Switching Diode
logo
Jiangsu Changjiang Elec...
MMBD7000 JIANGSU-MMBD7000 Datasheet
3Mb / 4P
   SWITCHING DIODE
logo
SHIKUES Electronics
MMBD7000 SKTECHNOLGY-MMBD7000 Datasheet
506Kb / 2P
   Fast Switching Speed
More results

同様の説明 - MMBD7000

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com