データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDSO316 データシート(PDF) 2 Page - TEMIC Semiconductors

部品番号 TDSO316
部品情報  13 mm Seven Segment Display
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEMIC [TEMIC Semiconductors]
ホームページ  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TDSO316 データシート(HTML) 2 Page - TEMIC Semiconductors

  TDSO316 Datasheet HTML 1Page - TEMIC Semiconductors TDSO316 Datasheet HTML 2Page - TEMIC Semiconductors TDSO316 Datasheet HTML 3Page - TEMIC Semiconductors TDSO316 Datasheet HTML 4Page - TEMIC Semiconductors TDSO316 Datasheet HTML 5Page - TEMIC Semiconductors TDSO316 Datasheet HTML 6Page - TEMIC Semiconductors TDSO316 Datasheet HTML 7Page - TEMIC Semiconductors TDSO316 Datasheet HTML 8Page - TEMIC Semiconductors TDSO316 Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TELEFUNKEN Semiconductors
TDS.51..
Rev. A1: 01.06.1995
2 (9)
Absolute Maximum Ratings
Tamb = 25°C, unless otherwise specified
TDSR515. /TDSR516. , TDSO515. /TDSO516. , TDSY515. /TDSY516. , TDSG515. /TDSG516.
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage per segment or DP
VR
6
V
DC forward current
TDSR315./316.
IF
35
mA
per segment or DP
TDSO315./316.
IF
25
mA
TDSY315./316.
IF
25
mA
TDSG315./316.
IF
25
mA
Surge forward current
tp ≤ 10
ms
TDSR315./316.
IFSM
0.5
A
g
per segment or DP
p
m
(non repetitive)
TDSO315./316.
IFSM
0.15
A
TDSY315./316.
IFSM
0.15
A
TDSG315./316.
IFSM
0.15
A
Power dissipation
Tamb ≤ 45
°C
PV
550
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
–40 to + 85
°C
Storage temperature range
Tstg
–40 to + 85
°C
Soldering temperature
t
≤ 3 sec, 2mm be-
low seating plane
Tsd
260
°C
Thermal resistance LED junction/
ambient
RthJA
100
K/W
Optical and Electrical Characteristics
Tamb = 25°C, unless otherwise specified
Red (TDSR515. , TDSR516. )
Parameter
Test Condi-
tions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity per segment
(digit average) 1)
IF = 10 mA
TDSR5150/5160
IV
280
mcd
Dominant wavelength
IF = 10 mA
ld
655
nm
Peak wavelength
IF = 10 mA
lp
660
nm
Angle of half intensity
IF = 10 mA
ϕ
±50
deg
Forward voltage per segment or DP
IF = 20 mA
VF
1.6
2
V
Reverse voltage per segment or DP
IR = 10
mA
VR
6
15
V
1) IVmin and IV groups are mean values of segments a to g


同様の部品番号 - TDSO316

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TDSO316 VISHAY-TDSO316 Datasheet
119Kb / 9P
   10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSO3160 VISHAY-TDSO3160 Datasheet
163Kb / 12P
   Standard 7-Segment Display 10 mm
Rev. 1.6, 23-May-11
TDSO3160 VISHAY-TDSO3160 Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSO3160 VISHAY-TDSO3160 Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
TDSO3160-KL VISHAY-TDSO3160-KL Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
More results

同様の説明 - TDSO316

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TDSR515 VISHAY-TDSR515 Datasheet
120Kb / 10P
   13 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL5150 VISHAY-TDSL5150 Datasheet
76Kb / 7P
   Low Current 13 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL51.0 VISHAY-TDSL51.0 Datasheet
108Kb / 6P
   Low Current 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
TDSR135 VISHAY-TDSR135 Datasheet
97Kb / 5P
   High Intensity 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
TDSL5150 VISHAY-TDSL5150_11 Datasheet
144Kb / 9P
   Low Current 13 mm Seven-Segment Display
Rev. 1.5, 26-Jul-11
TDSR315 VISHAY-TDSR315 Datasheet
119Kb / 9P
   10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSR115 VISHAY-TDSR115 Datasheet
126Kb / 9P
   7 mm Seven Segment Display
Rev. A1, 02-Jun-99
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
logo
LUMEX INC.
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
   Seven Segment Display
logo
Vishay Siliconix
TDSG5150 VISHAY-TDSG5150_V01 Datasheet
158Kb / 12P
   Standard 7-Segment Display 13 mm
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com