データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDSY315 データシート(PDF) 1 Page - TEMIC Semiconductors

部品番号 TDSY315
部品情報  13 mm Seven Segment Display
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEMIC [TEMIC Semiconductors]
ホームページ  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TDSY315 データシート(HTML) 1 Page - TEMIC Semiconductors

  TDSY315 Datasheet HTML 1Page - TEMIC Semiconductors TDSY315 Datasheet HTML 2Page - TEMIC Semiconductors TDSY315 Datasheet HTML 3Page - TEMIC Semiconductors TDSY315 Datasheet HTML 4Page - TEMIC Semiconductors TDSY315 Datasheet HTML 5Page - TEMIC Semiconductors TDSY315 Datasheet HTML 6Page - TEMIC Semiconductors TDSY315 Datasheet HTML 7Page - TEMIC Semiconductors TDSY315 Datasheet HTML 8Page - TEMIC Semiconductors TDSY315 Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TELEFUNKEN Semiconductors
TDS.51..
Rev. A1: 01.06.1995
1 (9)
13 mm Seven Segment Display
Color
Type
Circuitry
Red
TDSR515.
Common anode
TDSR516.
Common cathode
Orange red
TDSO515.
Common anode
g
TDSO516.
Common cathode
Yellow
TDSY515.
Common anode
TDSY516.
Common cathode
Green
TDSG515.
Common anode
TDSG516.
Common cathode
Description
The TDS.51.. series are 13 mm character seven segment
LED displays in a very compact package.
The displays are designed for a viewing distance up to 7
meters and available in four bright colors. The grey pack-
age surface and the evenly lighted untinted segments
provide an optimum on-off contrast.
All displays are categorized in luminous intensity groups.
That allows users to assemble displays with uniform ap-
pearence.
Typical applications include instruments, panel meters,
point-of-sale terminals and household equipment.
Features
D Evenly lighted segments
D Grey package surface
D Untinted segments
D Luminous intensity categorized
D Yellow and green categorized for color
D Wide viewing angle
D Suitable for DC and high peak current
96 11508
Applications
Panel meters
Test- and measure- equipment
Point-of-sale terminals
Control units
TV sets


同様の部品番号 - TDSY315

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TDSY315 VISHAY-TDSY315 Datasheet
119Kb / 9P
   10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSY315./316. VISHAY-TDSY315./316. Datasheet
149Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. A2, 05-Oct-00
TDSY3150 VISHAY-TDSY3150 Datasheet
163Kb / 12P
   Standard 7-Segment Display 10 mm
Rev. 1.6, 23-May-11
TDSY3150 VISHAY-TDSY3150 Datasheet
129Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSY3150 VISHAY-TDSY3150 Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
More results

同様の説明 - TDSY315

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TDSR515 VISHAY-TDSR515 Datasheet
120Kb / 10P
   13 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL5150 VISHAY-TDSL5150 Datasheet
76Kb / 7P
   Low Current 13 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL51.0 VISHAY-TDSL51.0 Datasheet
108Kb / 6P
   Low Current 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
TDSR135 VISHAY-TDSR135 Datasheet
97Kb / 5P
   High Intensity 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
TDSL5150 VISHAY-TDSL5150_11 Datasheet
144Kb / 9P
   Low Current 13 mm Seven-Segment Display
Rev. 1.5, 26-Jul-11
TDSR315 VISHAY-TDSR315 Datasheet
119Kb / 9P
   10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSR115 VISHAY-TDSR115 Datasheet
126Kb / 9P
   7 mm Seven Segment Display
Rev. A1, 02-Jun-99
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
logo
LUMEX INC.
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
   Seven Segment Display
logo
Vishay Siliconix
TDSG5150 VISHAY-TDSG5150_V01 Datasheet
158Kb / 12P
   Standard 7-Segment Display 13 mm
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com