データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28488 データシート(PDF) 7 Page - Intersil Corporation

部品番号 ISL28488
部品情報  Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28488 データシート(HTML) 7 Page - Intersil Corporation

Back Button ISL28488 Datasheet HTML 3Page - Intersil Corporation ISL28488 Datasheet HTML 4Page - Intersil Corporation ISL28488 Datasheet HTML 5Page - Intersil Corporation ISL28488 Datasheet HTML 6Page - Intersil Corporation ISL28488 Datasheet HTML 7Page - Intersil Corporation ISL28488 Datasheet HTML 8Page - Intersil Corporation ISL28488 Datasheet HTML 9Page - Intersil Corporation ISL28488 Datasheet HTML 10Page - Intersil Corporation ISL28488 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN6339.1
June 28, 2007
FIGURE 19. IBIAS+ vs TEMPERATURE V+, V- = ±2.5V
FIGURE 20. IBIAS- vs TEMPERATURE V+, V- = ±2.5V
FIGURE 21. IBIAS+ vs TEMPERATURE V+, V- = ±1.2V
FIGURE 22. IBIAS- vs TEMPERATURE V+, V- = ±-1.2V
FIGURE 23. IOS vs TEMPERATURE V+, V- = ±2.5V
FIGURE 24. AVOL vs TEMPERATURE V+, V- = ±2.5V, RL=100k
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open (Continued)
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
-2500
-2000
-1500
-1000
-500
0
500
n = 1000
MIN
MEDIAN
MAX
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
-1400
-1200
-1000
-800
-600
-400
-200
0
200
n = 1000
MAX
MEDIAN
MIN
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
-2500
-2000
-1500
-1000
-500
0
500
n = 1000
MIN
MEDIAN
MAX
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
-1200
-1000
-800
-600
-400
-200
0
200
n = 1000
MIN
MEDIAN
MAX
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
-1400
-1200
-1000
-800
-600
-400
-200
0
200
n = 1000
MIN
MEDIAN
MAX
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
150
200
250
300
350
400
450
500
550
600
650
n = 1000
MIN
MEDIAN
MAX
ISL28288, ISL28488


同様の部品番号 - ISL28488

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28488 INTERSIL-ISL28488 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28488 RENESAS-ISL28488 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
ISL28488EVAL1Z RENESAS-ISL28488EVAL1Z Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
ISL28488FAZ RENESAS-ISL28488FAZ Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
ISL28488FVZ RENESAS-ISL28488FVZ Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
More results

同様の説明 - ISL28488

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
logo
Renesas Technology Corp
ISL28286 RENESAS-ISL28286 Datasheet
893Kb / 14P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
logo
Intersil Corporation
ISL28176 INTERSIL-ISL28176 Datasheet
972Kb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28176 RENESAS-ISL28176 Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28288 INTERSIL-ISL28288 Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28278 INTERSIL-ISL28278 Datasheet
509Kb / 13P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com