データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28290EVAL1Z データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL28290EVAL1Z
部品情報  Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28290EVAL1Z データシート(HTML) 1 Page - Intersil Corporation

  ISL28290EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL28290EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL28290EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL28290EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL28290EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL28290EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL28290EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL28290EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL28290EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
FN6247.7
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006-2008. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL28190, ISL28290
Single and Dual Single Supply Ultra-Low
Noise, Ultra-Low Distortion, Rail-to-Rail
Output, Op Amp
The ISL28190 and ISL28290 are tiny single and dual
ultra-low noise, ultra-low distortion operational amplifiers.
Fully specified to operated down to +3V single supply. These
amplifiers have outputs that swing rail-to-rail, and an input
common mode voltage that extends below ground (ground
sensing).
The ISL28190 and ISL28290 are unity gain stable with an
input referred voltage noise of 1nV/
√Hz. Both parts feature
0.00017% THD+N @ 1kHz.
The ISL28190 is available in the space-saving 6 Ld µTDFN
(1.6mmx1.6mm) and 6 Ld SOT-23 packages. The ISL28290
is available in the 10 Ld µTQFN (1.8mmx1.4mm) and 10 Ld
MSOP packages. All devices are guaranteed over -40°C to
+125°C.
Features
•1nV/
√Hz input voltage noise
• 1kHz THD+N typical 0.00017% at 2VP-P VOUT
• Harmonic Distortion -87dBc, -90dBc, fo = 1MHz
• 170MHz -3dB bandwidth
• 50V/µs slew rate
• 700µV maximum offset voltage
• 10µA typical input bias current
• 103dB typical CMRR
• 3V to 5.5V single supply voltage range
• Rail-to-rail output
• Ground sensing
• Enable pin (not available in the 8 Ld SOIC package
option)
• Pb-free (RoHS compliant)
Applications
• Low noise signal processing
• Low noise microphones/preamplifiers
• ADC buffers
• DAC output amplifiers
• Digital scales
• Strain gauges/sensor amplifiers
• Radio systems
• Portable equipment
• Infrared detectors
Ordering Information
PART
NUMBER
PART
MARKING
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL28190FHZ-T7* (Note 1) GABH
6 Ld SOT-23 MDP0038
Coming Soon
ISL28190FRUZ-T7* (Note 2)
M7
6 Ld µTDFN
L6.1.6x1.6A
ISL28290FUZ (Note 1)
8290Z
10 Ld MSOP MDP0043
ISL28290FUZ-T7* (Note 1) 8290Z
10 Ld MSOP MDP0043
Coming Soon
ISL28290FRUZ-T7* (Note 2)
E
10 Ld µTQFN L10.1.8x1.4A
ISL28290FBZ (Note 1)
28290 FBZ 8 Ld SOIC
MDP0027
ISL28290FBZ-T7* (Note 1) 28290 FBZ 8 Ld SOIC
MDP0027
ISL28290EVAL1Z
Evaluation Board
*Please refer to TB347 for details on reel specifications.
NOTES:
1. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets; molding compounds/die attach materials
and 100% matte tin plate PLUS ANNEAL - e3 termination finish,
which is RoHS compliant and compatible with both SnPb and Pb-
free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets; molding compounds/die attach materials
and NiPdAu plate - e4 termination finish, which is RoHS
compliant and compatible with both SnPb and Pb-free soldering
operations. Intersil Pb-free products are MSL classified at Pb-free
peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
Data Sheet
March 17, 2008


同様の部品番号 - ISL28290EVAL1Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28290EVAL1Z INTERSIL-ISL28290EVAL1Z Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28290EVAL1Z RENESAS-ISL28290EVAL1Z Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290EVAL1Z RENESAS-ISL28290EVAL1Z Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
More results

同様の説明 - ISL28290EVAL1Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
logo
Renesas Technology Corp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191_08 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
ISL28191_0808 INTERSIL-ISL28191_0808 Datasheet
1Mb / 16P
   Low Distortion Rail-to-Rail Output, Op Amp
ISL55190 INTERSIL-ISL55190 Datasheet
961Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com