データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX8734A データシート(PDF) 23 Page - Maxim Integrated Products

部品番号 MAX8734A
部品情報  High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8734A データシート(HTML) 23 Page - Maxim Integrated Products

Back Button MAX8734A Datasheet HTML 19Page - Maxim Integrated Products MAX8734A Datasheet HTML 20Page - Maxim Integrated Products MAX8734A Datasheet HTML 21Page - Maxim Integrated Products MAX8734A Datasheet HTML 22Page - Maxim Integrated Products MAX8734A Datasheet HTML 23Page - Maxim Integrated Products MAX8734A Datasheet HTML 24Page - Maxim Integrated Products MAX8734A Datasheet HTML 25Page - Maxim Integrated Products MAX8734A Datasheet HTML 26Page - Maxim Integrated Products MAX8734A Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
High-Efficiency, Quad-Output, Main Power-
Supply Controllers for Notebook Computers
______________________________________________________________________________________
23
synchronous rectifier drivers clamp the SMPS outputs
to GND. When PRO is high, the SMPS outputs do not
discharge and the DL_ synchronous rectifier drivers
remain low.
Shutdown Mode
Drive SHDN below the precise SHDN input falling-edge
trip level to place the MAX8732A/MAX8733A/MAX8734A
in their low-power shutdown state. The MAX8732A/
MAX8733A/MAX8734A consume only 6µA of quiescent
current while in shutdown mode. When shutdown mode
activates, the reference turns off, making the threshold
to exit shutdown inaccurate. To guarantee startup,
drive SHDN above 2V (SHDN input rising-edge trip
level). For automatic shutdown and startup, connect
SHDN to V+. If PRO is low, both SMPS outputs are dis-
charged to 0.3V through a 12
Ω switch before entering
true shutdown. The accurate 1V falling-edge threshold
on SHDN can be used to detect a specific analog volt-
age level and shut down the device. Once in shutdown,
the 1.6V rising-edge threshold activates, providing suffi-
cient hysteresis for most applications. For additional
hysteresis, the undervoltage threshold can be made
dependent on REF or LDO_, which go to 0V in shutdown.
MODE
CONDITION
COMMENT
Power-Up
LDO5 < UVLO threshold
Transitions to discharge mode after a V+ POR and after REF becomes valid.
LDO5, LDO3, and REF remain active. DL_ is active if PRO is low.
Run
SHDN = high, ON3 or ON5
enabled
Normal operation.
Overvoltage
Protection
Either output > 111% of
nominal level, PRO = low
DL_ is forced high. LDO3, LDO5 active. Exited by a V+ POR or by toggling
SHDN, ON3, or ON5.
Undervoltage
Protection
Either output < 70% of
nominal after 22ms time-
out expires and output is
enabled, PRO = low
If PRO is low, DL_ is forced high after discharge mode terminates. LDO3,
LDO5 active. Exited by a V+ POR or by toggling SHDN, ON3, or ON5.
Discharge
PRO is low and either
SMPS output is still high in
either standby mode or
shutdown mode
Discharge switch (12
Ω) connects OUT_ to PGND. One output may still run
while the other is in discharge mode. Activates when LDO_ is in UVLO, or
transition to UVLO, standby, or shutdown has begun. LDO3, LDO5 active.
Standby
ON5, ON3 < startup
threshold, SHDN = high
DL_ stays high if PRO is low. LDO3, LDO5 active.
Shutdown
SHDN = low
All circuitry off.
Thermal Shutdown
TJ > +160°C
All circuitry off. Exited by V+ POR or cycling SHDN, ON3, or ON5.
Table 3. Operating-Mode Truth Table
SHDN
(V)
VON3
(V)
VON5
(V)
LDO5
LDO3
5V SMPS
3V SMPS
Low
X
X
Off
Off
Off
Off
“> 2.4” => High
Low
Low
On
On (after REF powers up)
Off
Off
“> 2.4” => High
High
High
On
On (after REF powers up)
On
On
“> 2.4” => High
High
Low
On
On (after REF powers up)
Off
On
“> 2.4” => High
Low
High
On
On (after REF powers up)
On
Off
“> 2.4” => High
High
REF
On
On (after REF powers up)
On (after 3V SMPS is up)
On
“> 2.4” => High
REF
High
On
On (after REF powers up)
On
On (after 5V SMPS is up)
Table 4. Power-Up Sequencing


同様の部品番号 - MAX8734A

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX8734 MAXIM-MAX8734 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
MAX8734EEI MAXIM-MAX8734EEI Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
More results

同様の説明 - MAX8734A

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237 INTERSIL-ISL6237 Datasheet
2Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX8744A MAXIM-MAX8744A Datasheet
607Kb / 36P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com