データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AZ431 データシート(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

部品番号 AZ431
部品情報  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BCDSEMI [BCD Semiconductor Manufacturing Limited]
ホームページ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ431 データシート(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AZ431 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ431 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ431 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ431 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ431 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ431 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ431 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ431 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ431 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431
Data Sheet
Apr. 2005 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
3
Ordering Information
Circuit Type
Bandage Tolerance
B: 0.8%
A: 0.4%
E1: Lead-Free
Blank: Tin Lead
AZ431
-
A: AZ431(40V)
B: AZ431(20V)
Package
Tempera-
ture Range
Voltage
Tolerance
Part Number
Marking ID
Packing
Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOT-23-3
-40 to 125oC
0.4%
AZ431AN-ATR
AZ431AN-ATRE1
N41
EA1
Tape & Reel
0.8%
AZ431BN-ATR
AZ431BN-ATRE1
N42
EA2
Tape & Reel
SOT-23-5
-40 to 125
oC
0.4%
AZ431AK-ATR
AZ431AK-ATRE1
K3A
E3A
Tape & Reel
0.8%
AZ431BK-ATR
AZ431BK-ATRE1
K3B
E3B
Tape & Reel
TO-92
-40 to 125
oC
0.4%
AZ431AZ-A
AZ431AZ-AE1
AZ431AZ-A
AZ431AZ-AE1
Bulk
0.4%
AZ431AZ-ATR
AZ431AZ-ATRE1
AZ431AZ-A
AZ431AZ-AE1
Ammo
0.8%
AZ431BZ-A
AZ431BZ-AE1
AZ431BZ-A
AZ431BZ-AE1
Bulk
0.8%
AZ431BZ-ATR
AZ431BZ-ATRE1
AZ431BZ-A
AZ431BZ-AE1
Ammo
SOIC-8
-40 to 125
oC
0.4%
AZ431AM-A
AZ431AM-AE1
AZ431AM-A
AZ431AM-AE1
Tube
0.4%
AZ431AM-ATR
AZ431AM-ATRE1
AZ431AM-A
AZ431AM-AE1
Tape & Reel
0.8%
AZ431BM-A
AZ431BM-AE1
AZ431BM-A
AZ431BM-AE1
Tube
0.8%
AZ431BM-ATR
AZ431BM-ATRE1
AZ431BM-A
AZ431BM-AE1
Tape & Reel
SOT-89
-40 to 125oC
0.4%
AZ431AR-ATR
AZ431AR-ATRE1
431A
E43A
Tape & Reel
0.8%
AZ431BR-ATR
AZ431BR-ATRE1
431B
E43B
Tape & Reel
Package
M: SOIC-8
Z: TO-92
N: SOT-23-3
K: SOT-23-5
R: SOT-89
TR: Tape and Reel or Ammo
Blank: Tube or Bulk
40V Products


同様の部品番号 - AZ431

メーカー部品番号データシート部品情報
logo
Nanjing International G...
AZ431 DGNJDZ-AZ431 Datasheet
392Kb / 4P
   The output voltage can be adjusted to 36V
logo
Shanghai Leiditech Elec...
AZ431 LEIDITECH-AZ431 Datasheet
1Mb / 19P
   Programmable Precise Output Voltage from 2.5V to 36V or 18V
logo
BCD Semiconductor Manuf...
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Diodes Incorporated
AZ431-A DIODES-AZ431-A Datasheet
448Kb / 21P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A DIODES-AZ431-A_18 Datasheet
565Kb / 19P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

同様の説明 - AZ431

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com