データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM20 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 FM20
部品情報  External dimensions 1
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

FM20 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  FM20 Datasheet HTML 1Page - List of Unclassifed Manufacturers FM20 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SK3003
V(BR) DSS
200
V
ID = 100
µA, VGS = 0V
I SD =
±100mA
IGSS
±100
nA
VGS =
±20V
IDSS
100
µAVDS = 200V, VGS = 0V
VTH
2.0
4.0
V
VDS = 10V, ID = 1mA
Re(yfs)
7
11
S
VDS = 10V, ID = 9A
RDS(on)
130
175
m
VGS = 10V, ID = 9A
Ciss
850
VDS = 10V, f = 1.0MHz,
VGS = 0V
ID = 9A, VDD
100V,
RL = 11.1
Ω, VGS = 10V,
See Figure 2 on Page 5.
Coss
Crss
550
250
20
50
65
pF
tf
80
ns
pF
ns
ns
pF
ns
trr
tr
td(off)
td(on)
500
ns
I SD = 18A, VGS = 0V
1.5
VSD
1.0
V
45
Absolute Maximum Ratings
Electrical Characteristics
Symbol
Ratings
Unit
VDSS
200
V
VGSS
±20
V
ID
±18
A
ID (pulse)
±72
(Ta = 25ºC)
(Ta = 25ºC)
A
PD
35 (Tc = 25ºC)
W
EAS
120
mJ
Tch
150
ºC
IAS
18
A
Tstg
–55 to +150
ºC
Symbol
Unit
Conditions
Ratings
typ
max
min
*2
*1
External dimensions 1 ...... FM20
*
1: PW
100
µs, duty cycle 1%
*
2: VDD = 25V, L = 650
µH, IL = 18A, unclamped, RG = 50Ω,
See Figure 1 on Page 5.


同様の部品番号 - FM20

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FM20 FAIRCHILD-FM20 Datasheet
357Kb / 9P
   Ultra-Low-Power Analog Temperature Sensor
logo
RFE international
FM200 RFE-FM200 Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
logo
TE Connectivity Ltd
FM200 TEC-FM200 Datasheet
197Kb / 2P
   n Optional quick connect tabs for sensing
logo
Extech Instruments Corp...
FM200 EXTECH-FM200 Datasheet
271Kb / 1P
   FM200 Handheld Formaldehyde (CH2O or HCHO) Meter
logo
RFE international
FM200 RFE-FM200 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
More results

同様の説明 - FM20

メーカー部品番号データシート部品情報
logo
Sanken electric
2SK3004 SANKEN-2SK3004 Datasheet
53Kb / 2P
   External dimensions 1
2SK2420 SANKEN-2SK2420 Datasheet
51Kb / 2P
   External dimensions 1
logo
List of Unclassifed Man...
FKV550T ETC1-FKV550T Datasheet
21Kb / 1P
   External dimensions 1 FM20
2SK3004 ETC-2SK3004 Datasheet
22Kb / 1P
   External dimensions 1 ...... FM20
logo
Sanken electric
FKV550T SANKEN-FKV550T Datasheet
27Kb / 1P
   External dimensions
2SK3003 SANKEN-2SK3003 Datasheet
42Kb / 2P
   External dimensions
2SK3004 SANKEN-2SK3004 Datasheet
49Kb / 2P
   External dimensions
2SK3199 SANKEN-2SK3199 Datasheet
49Kb / 2P
   External dimensions
logo
List of Unclassifed Man...
DG24064 ETC-DG24064 Datasheet
85Kb / 1P
   EXTERNAL DIMENSIONS
logo
Sanken electric
2SK3199 SANKEN-2SK3199 Datasheet
53Kb / 2P
   External dimensions
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com