データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5412 データシート(PDF) 10 Page - Analog Devices

部品番号 AD5412
部品情報  Single Channel, 16-Bit, Serial Input, Current Source DAC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5412 データシート(HTML) 10 Page - Analog Devices

Back Button AD5412 Datasheet HTML 6Page - Analog Devices AD5412 Datasheet HTML 7Page - Analog Devices AD5412 Datasheet HTML 8Page - Analog Devices AD5412 Datasheet HTML 9Page - Analog Devices AD5412 Datasheet HTML 10Page - Analog Devices AD5412 Datasheet HTML 11Page - Analog Devices AD5412 Datasheet HTML 12Page - Analog Devices AD5412 Datasheet HTML 13Page - Analog Devices AD5412 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Preliminary Technical Data
AD5420
Rev. PrD | Page 10 of 29
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
AD5420
AGND
SDO
GND
NC
FAULT
GND
LATCH
CLEAR
GND
REFIN
SELECT
SCLK
SDIN
GND
RSET
NC
BOOST
NC
REFOUT
TOP VIEW
(Not to Scale)
DVCC
NC
I OUT
NC
AVDD
DVCC
11
12
13
14
15
16
17
18
19
20
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
40
39
38
37
36
35
34
33
32
31
LATCH
GND
GND
FAULT
NC
NC
NC
DVCC SELECT
BOOST
NC
NC
IOUT
NC
SDO
SDIN
SCLK
NC
CLEAR
TOP VIEW
(Not to Scale)
AD5420
CAP2
CAP1
Figure 5. TSSOP Pin Configuration
Figure 6. LFCSP Pin Configuration
Table 6. Pin Function Descriptions
TSSOP Pin No.
LFCSP Pin No.
Mnemonic
Description
1,4,5,12
3,4,15,14,37
GND
These pins must be connected to 0V.
2
39
DVCC
Digital Supply Pin. Voltage ranges from 2.7 V to 5.5 V.
3
2
FAULT
Fault alert, This pin is asserted low when an open circuit is detected in current mode or
an over temperature is detected. Open drain output, must be connected to a pull-up
resistor.
17,18,21,22, 23
1,10,11,19,
20,21,22,24,25,
30,31,32,33,34,
35,38,40
NC
No Connection.
6
5
CLEAR
Active High Input. Asserting this pin will set the current output to the bottom of the
selected range.
7
6
LATCH
Positive edge sensitive latch, a rising edge will parallel load the input shift register data
into the DAC register, also updating the output.
8
7
SCLK
Serial Clock Input. Data is clocked into the shift register on the rising edge of SCLK. This
operates at clock speeds up to 30 MHz.
9
8
SDIN
Serial Data Input. Data must be valid on the rising edge of SCLK.
10
9
SDO
Serial Data Output. Used to clock data from the serial register in daisy-chain or readback
mode. Data is clocked out on the falling edge of SCLK. See Figure 3 and Figure 4.
11
12
AGND
Ground reference pin for analog circuitry.
N/A
13
DGND
Ground reference pin for digital circuitry. (AGND and DGND are internally connected in
TSSOP package).
13
16
RSET
An external, precision, low drift 15k
Ω current setting resistor can be connected to this
pin to improve the IOUT temperature drift performance. Refer to Features section.
14
17
REFOUT
Internal Reference Voltage Output. REFOUT = 5 V ± 2 mV.
15
18
REFIN
External Reference Voltage Input. Reference input range is 4 V to 5 V. REFIN = 5 V for
specified performance.
16
23
DVCC
SELECT
This pin when connected to GND disables the internal supply and an external supply
must be connected to the DVCC pin. Leave this pin unconnected to enable the internal
supply. Refer to features section.
19
26
IOUT
Current output pin.
20
27
BOOST
Optional external transistor connection. Connecting an external transistor will reduce
the power dissipated in the AD5420. Refer to the features section.
N/A
28
CAP1
Connection for optional output filtering capacitor. Refer to Features section.
N/A
29
CAP2
Connection for optional output filtering capacitor. Refer to Features section.
24
36
AVDD
Positive Analog Supply Pin. Voltage ranges from 10.8V to 40V/60V.


同様の部品番号 - AD5412

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5412 AD-AD5412 Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5412 AD-AD5412 Datasheet
1Mb / 40P
   Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
REV. A
AD5412 AD-AD5412 Datasheet
502Kb / 20P
   Low Power HART Modem
REV. A
AD5412ACPZ AD-AD5412ACPZ Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5412ACPZ-REEL AD-AD5412ACPZ-REEL Datasheet
1Mb / 40P
   Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
REV. A
More results

同様の説明 - AD5412

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5410 AD-AD5410_08 Datasheet
291Kb / 30P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
AD5422 AD-AD5422 Datasheet
326Kb / 37P
   Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD5412 AD-AD5412 Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD5412 AD-AD5412_09 Datasheet
1Mb / 40P
   Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
REV. A
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849 AD-AD7849_15 Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849AN AD-AD7849AN Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849AR AD-AD7849AR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com