データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM180B データシート(PDF) 1 Page - Rectron Semiconductor

部品番号 FM180B
部品情報  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 80 to 100 Volts CURRENT 1.0 Ampere
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RECTRON [Rectron Semiconductor]
ホームページ  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM180B データシート(HTML) 1 Page - Rectron Semiconductor

  FM180B Datasheet HTML 1Page - Rectron Semiconductor FM180B Datasheet HTML 2Page - Rectron Semiconductor FM180B Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 80 to 100 Volts CURRENT 1.0 Ampere
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low switching noise
* Low forward voltage drop
* High current capability
* High switching capability
* High surge capabitity
* High reliability
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.098 gram
FM180B
THRU
FM1100B
DO-214AA
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Thermal Resistance (Junction to Ambient): Vertical PC Board Mounting, 0.5” (12.7mm) Lead Length.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
Dimensions in inches and (millimeters)
2002-10
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
uA
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
1.0
0.5
@TA = 25
oC
@TJ = 125
oC
mA
UNITS
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Lead Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
1.0
40
57
110
Amps
0 C/ W
0 C
Storage Temperature Range
R
θ JA
IO
pF
Operating Temperature Range
TJ
80
80
-55 to + 150
0 C
FM1100B
FM180B
70
100
56
100
150
FM180B
FM1100B
.85
0.012 (0.305)
0.006 (0.152)
0.008 (0.203)
0.004 (0.102)
0.220 (5.59)
0.205 (5.21)
0.030 (0.76)
0.060 (1.52)
0.084 (2.13)
0.096 (2.44)
0.160 (4.06)
0.180 (4.57)
0.130 (3.30)
0.155 (3.94)
0.083 (2.11)
0.077 (1.96)


同様の部品番号 - FM180B

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
FM180B RECTRON-FM180B Datasheet
286Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-09 REV: A
More results

同様の説明 - FM180B

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
SS20L RECTRON-SS20L Datasheet
441Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
FM120 RECTRON-FM120 Datasheet
26Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere)
1S20 RECTRON-1S20_V01 Datasheet
87Kb / 5P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
2009-10 REV:A
SR120 RECTRON-SR120_02 Datasheet
32Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
logo
Surge Components
SK12 SURGE-SK12 Datasheet
71Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere???
SS12 SURGE-SS12 Datasheet
136Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
Rectron Semiconductor
FM120M RECTRON-FM120M Datasheet
79Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
FM120L RECTRON-FM120L Datasheet
359Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
FM120B RECTRON-FM120B_11 Datasheet
36Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
FM5817 RECTRON-FM5817_06 Datasheet
355Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com