データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM180B データシート(PDF) 2 Page - Rectron Semiconductor

部品番号 FM180B
部品情報  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 80 to 100 Volts CURRENT 1.0 Ampere
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RECTRON [Rectron Semiconductor]
ホームページ  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM180B データシート(HTML) 2 Page - Rectron Semiconductor

  FM180B Datasheet HTML 1Page - Rectron Semiconductor FM180B Datasheet HTML 2Page - Rectron Semiconductor FM180B Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( FM180B THRU FM1100B )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
1.0
.75
.50
.25
0
0
25
75
100
125
150
175
50
LEAD TEMPERATURE, (
)
Single
Half Wave 60HZ
Resistive or
Inductive Load
FIG. 2 - TYPICAL INSTANTANEOUS
FORWARD CHARCTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
20
10
1.0
.1
.1
.3
.5
.7
.9 1.1 1.3 1.5 1.7 1.9 2.1
TJ = 25
Pulse Width = 300uS
1% Duty Cycle
8.3ms Single Half Sine-Wave
FIG. 4 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
JEDEC Method
1
2
4
6 810
20
40
80100
0
10
20
30
40
50
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
400
200
100
80
60
40
20
10
.1
.4
1.0
4
10
40
80
TJ = 25
REVERSE VOLTAGE, (V)
FIG. 3A - TYPICAL REVERSE CHARACTERISTICS
1000
100
10
1.0
0.1
.01
TJ = 25
TJ = 125
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
TJ = 100
P.C.B Mounted on
0.4X0.4"(10X10mm)
copper pad areas


同様の部品番号 - FM180B

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
FM180B RECTRON-FM180B Datasheet
286Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-09 REV: A
More results

同様の説明 - FM180B

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
SS20L RECTRON-SS20L Datasheet
441Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
FM120 RECTRON-FM120 Datasheet
26Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere)
1S20 RECTRON-1S20_V01 Datasheet
87Kb / 5P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
2009-10 REV:A
SR120 RECTRON-SR120_02 Datasheet
32Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
logo
Surge Components
SK12 SURGE-SK12 Datasheet
71Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere???
SS12 SURGE-SS12 Datasheet
136Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
Rectron Semiconductor
FM120M RECTRON-FM120M Datasheet
79Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
FM120L RECTRON-FM120L Datasheet
359Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
FM120B RECTRON-FM120B_11 Datasheet
36Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
FM5817 RECTRON-FM5817_06 Datasheet
355Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com