データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM156 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 SM156
部品情報  Inverted Mesa Crystals Blanks 30 - 250MHz 0.220 round clip mount designs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SM156 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  SM156 Datasheet HTML 1Page - List of Unclassifed Manufacturers SM156 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Inverted Mesa Crystals Blanks
SM156
30 - 250MHz 0.220 round clip mount designs
The SM156 series of electrode plated Square inverted Mesa blanks are designed to mount in standard 0.220" mounts (two or
four point mounts).
This series offers an much lower pricing than CM220 series.
XECO's proprietary process yields a mesa which is clean and free of defects, enabling high performance operation for
oscillators and filters.
Features
XECO high quality low spurs crystals
Electrodes plated to opposite corners
Electrodes in various sizes possible for frequencies and
C1/C0 ratios
Tune Low and Tune High options
High Q, chemically etched, free of etch channels
Applications
Standard 0.220 round mount applications
High performance VCXO, XO, OCXO, filters, and specials
requiring hybrid design
Telecom, communications, networking, military
Operation Mode
Fundamental or Overtone
Frequency Range
30 to 250 MHz
Frequency Tolerance
+/- 0.010 F^2 (489KHz at 156.25)
Electrode Size
Contact Sales
Electrode Style
Plated to opposite corners and opposing sides
Material and Q
Low Etch Channel Pure Z Quartz with a
Q minimum of 1.8 Million
Surface Finish
Polished
Angle
Std AT cut 35D8' to 35D29' [EFG 3D6' t
Angle Tolerance
+/- 2' or +/- 1'
Specification Note
Custom or special requirements are available
Dimensions (mm)
3.962 x 3.962 x 0.080 mm
Dimensions (inches)
0.156 x 0.156" (0.220 across diagonal) x
Ship Pack Method
Vacuum sealed wafflepack
Contact Material:
Same as Electrode or Chrome-Gold with Aluminum
Frequency Range 3Rd: 90 to 750 MHz
Electrode Material
Chrome Gold or Aluminum
Benefits:
Lower cost implementation than with round blanks
Low spurs for filter (with small electrodes and Aluminum
plating)
Fit wide range of mounts
High yield potential
Electrode Freq. Tol.:
Low Cost Inverted Mesa Crystals Blanks
RM126
50 - 700 MHz for 5 x7 mm SMD & UM-1/HC45
Device Dimensions
+0.000 -0.025
mm
+0.000 -0.025
+0.025 -0.025
+0.025 -0.025
+0.001 -0.001
+0.003 -0.003
+0.001 -0.001
+0.001 -0.001
X
1.829
Z
3.200
MX
1.524
MZ
1.524
ma
0.533
mb
0.762
mc
md
m:
tx
0.152
t:
0.838
m:
NA
arcS
NA
+0.002 -0.002
+0.013 -0.013
+0.013 -0.013
NA
NA
Tolerances
mm
+0.00 -1.00
Inches
+0.00 -1.00
+1.00 -1.00
+1.00 -1.00
+0.05 -0.05
+0.10 -0.10
+0.05 -0.05
+0.05 -0.05
+0.08 -0.08
+0.5 -0.5
+0.5 -0.5
NA
NA
Tolerances
mils (0.001")
72.00
126.00
60.00
60.00
21.00
30.00
6.00
33.00
NA
NA
X
Z
MX
MZ
ma
mb
mc
md
m:
tx
t:
m:
arcS
The Roditi International Corporation Ltd
London, England
Phone +44 20 7439 4390
Fax
+44 20 7434 0896
Email: sales@roditi.com
For more information, sales and technical support:


同様の部品番号 - SM156

メーカー部品番号データシート部品情報
logo
Semtech Corporation
SM15 SEMTECH-SM15 Datasheet
171Kb / 7P
   TVS Diode Array
logo
Guangdong Youtai Semico...
SM15 UMW-SM15 Datasheet
425Kb / 3P
   TVS Diode Array
logo
Micro Commercial Compon...
SM15 MCC-SM15 Datasheet
416Kb / 2P
   Transient Voltage Suppressor 500 Watt
logo
Guangdong Youtai Semico...
SM15 UMW-SM15 Datasheet
425Kb / 3P
   TVS Diode Array
logo
Microsemi Corporation
SM15 MICROSEMI-SM15 Datasheet
138Kb / 2P
   TVSarray Series
More results

同様の説明 - SM156

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
RS196 ETC1-RS196 Datasheet
48Kb / 2P
   Inverted Mesa Crystals Blanks 100 - 700 MHz 5.0 x 7.0mm SMD packages
RM126 ETC2-RM126 Datasheet
67Kb / 2P
   Low Cost Inverted Mesa Crystals Blanks 50 - 700 MHz for 5 x7 mm SMD & UM-1/HC45
logo
MICORO CRYSTAL SWITZERL...
CC1F-T1A MICROCRYSTAL-CC1F-T1A Datasheet
218Kb / 2P
   Inverted Mesa AT Crystal 30 MHz - 250 MHz
CC6F-T1A MICROCRYSTAL-CC6F-T1A Datasheet
197Kb / 2P
   Inverted Mesa AT Crystal 30 MHz - 250 MHz
CC1F-T1A MICROCRYSTAL-CC1F-T1A_17 Datasheet
782Kb / 2P
   Inverted Mesa AT Crystal 30 MHz ??250 MHz
logo
Mercury United Electron...
M49 MERCURY-M49 Datasheet
109Kb / 1P
   Surface Mount Crystals
logo
EUROQUARTZ limited
90SMX-SH EUROQUARTZ-90SMX-SH Datasheet
103Kb / 1P
   SURFACE-MOUNT CRYSTALS
logo
MICORO CRYSTAL SWITZERL...
CC6F-T1AF MICROCRYSTAL-CC6F-T1AF Datasheet
1Mb / 2P
   Inverted Mesa AT Crystal 70 MHz - 200 MHz
CC6F-T1A MICROCRYSTAL-CC6F-T1A_16 Datasheet
513Kb / 2P
   Inverted Mesa AT Crystal 70 MHz ??250 MHz
logo
MTRONPTI
HC-49U MTRONPTI-HC-49U Datasheet
261Kb / 1P
   Surface Mount Crystals
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com