データシートサーチシステム |
|
MC34674C データシート(PDF) 4 Page - Freescale Semiconductor, Inc |
|
MC34674C データシート(HTML) 4 Page - Freescale Semiconductor, Inc |
4 / 26 page Analog Integrated Circuit Device Data 4 Freescale Semiconductor 34674 PIN CONNECTIONS PIN CONNECTIONS Figure 3. 34674 Pin Connections Table 2. 34674 Pin Definitions A functional description of each pin can be found in the Functional Pin Description section beginning on page 12. Pin Number Pin Name Pin Function Formal Name Definition 1 VIN Input Input supply The supply input. 2 GRN Output Green indicator Indication of the charge status. Open drain output with 6mA current limit. 3 RED Output Red indicator Indication of the charge status. Open drain output with 6mA current limit. 4 EN Input Enable Active-low enable logic input. 5 GND Ground Ground Ground. 6 TEMP Input NTC interface input The NTC thermistor interface pin. 7 VREF Output NTC interface bias voltage The bias voltage for the NTC interface circuit. 8 BAT Output Charger output The charger output pin to the battery. EPAD EPAD N/A Exposed pad Exposed pad for thermal dissipation enhancement. Must be soldered on the large ground plane on the PCB to increase the thermal dissipation. The pad must be connected to GND electrically. BAT VREF TEMP GND VIN GRN RED EN EPAD 1 2 3 4 8 7 6 5 |
同様の部品番号 - MC34674C |
|
同様の説明 - MC34674C |