データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MDA208G データシート(PDF) 1 Page - Rectron Semiconductor

部品番号 MDA208G
部品情報  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RECTRON [Rectron Semiconductor]
ホームページ  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MDA208G データシート(HTML) 1 Page - Rectron Semiconductor

  MDA208G Datasheet HTML 1Page - Rectron Semiconductor MDA208G Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE-PHASE GLASS PASSIVATED
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low cost
* Low leakage
* Low forward voltage
* Mounting position: Any
* Weight: 1.26 grams
* UL listed the recognized component directory, file #E94233
* Epoxy: Device has UL flammability classification 94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MDA200G
THRU
MDA210G
RS-1
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
SILICON BRIDGE RECTIFIER
Dimensions in inches and (millimeters)
2005-3
REV: A
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TSTG
VRMS
Volts
Volts
Volts
Amps
2.0
50
-55 to + 150
Amps
0 C
UNITS
T J
-55 to + 150
0 C
50
100
200
400
600
800
1000
70
35
140
280
420
700
560
MDA200G MDA201G MDA202G MDA204G MDA206G MDA208G MDA210G
Maximum Average Forward Output Current at TA = 50
oC
Storage Temperature Range
50
100
200
400
600
800
1000
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.1
1
mAmps
Maximum Reverse Current at Rated
Maximum Forward Voltage Drop per Bridge
Volts
@TA = 25
oC
@TA = 100
oC
MDA200G MDA201G MDA202G MDA204G MDA206G MDA208G MDA210G
DC Blocking Voltage per element
Element at 3.14A DC
5.0
uAmps
.414 (10.5)
.374 (9.5)
.035 (0.9) DIA
.360 (9.1)
.320 (8.1)
.390
MIN.
(9.9)
.160 (4.1)
.140 (3.6)
.650 (16.5)
.610 (15.5)
.161 (4.1)
.150 (3.8)
.050
(1.27)
SPACING
.028 (0.7) TYP.
AC
MECHANICAL DATA
Typical Thermal Resistance from junction to ambient
Typical Thermal Resistance from junction to case
R
θ JC
R
θ JA
0C/W
Note: ”Fully ROHS compliant”,”100% Sn plating(Pb-free).
40
13


同様の部品番号 - MDA208G

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
MDA208G RECTRON-MDA208G Datasheet
21Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
More results

同様の説明 - MDA208G

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
DB101 RECTRON-DB101 Datasheet
36Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RS201 RECTRON-RS201_13 Datasheet
241Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RBU401M RECTRON-RBU401M_13 Datasheet
188Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBU15A GENESIC-GBU15A Datasheet
350Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
KBJ406G GENESIC-KBJ406G Datasheet
326Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Rectron Semiconductor
SLDB051S RECTRON-SLDB051S Datasheet
295Kb / 4P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RS101 RECTRON-RS101_05 Datasheet
30Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
DF005 SEMTECH_ELEC-DF005 Datasheet
464Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
DB101 SEMTECH_ELEC-DB101 Datasheet
309Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
DB151 SEMTECH_ELEC-DB151 Datasheet
336Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBJ6J GENESIC-GBJ6J_18 Datasheet
1Mb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com