データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL074MN データシート(PDF) 11 Page - Texas Instruments

部品番号 TL074MN
部品情報  LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL074MN データシート(HTML) 11 Page - Texas Instruments

Back Button TL074MN Datasheet HTML 6Page - Texas Instruments TL074MN Datasheet HTML 7Page - Texas Instruments TL074MN Datasheet HTML 8Page - Texas Instruments TL074MN Datasheet HTML 9Page - Texas Instruments TL074MN Datasheet HTML 10Page - Texas Instruments TL074MN Datasheet HTML 11Page - Texas Instruments TL074MN Datasheet HTML 12Page - Texas Instruments TL074MN Datasheet HTML 13Page - Texas Instruments TL074MN Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TL071, TL071A, TL071B, TL072
TL072A, TL072B, TL074, TL074A, TL074B
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS080D – SEPTEMBER 1978 – REVISED AUGUST 1996
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
°
45
°
180
°
135
°
90
°
1
1
f – Frequency – Hz
10 M
106
10
100
1 k
10 k
100 k
1 M
101
102
103
104
105
Differential
Voltage
Amplification
VCC
± = ±5 V to ±15 V
RL = 2 kΩ
TA = 25°C
Phase Shift
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
AND PHASE SHIFT
vs
FREQUENCY
Figure 12
1.02
1.01
1
0.99
0.98
1.03
0.97
–75
0.7
TA – Free-Air Temperature – °C
125
1.3
–50
–25
0
25
50
75
100
0.8
0.9
1
1.1
1.2
Unity-Gain Bandwidth
VCC
± = ±15 V
RL = 2 kΩ
f = B1 for Phase Shift
NORMALIZED UNITY-GAIN BANDWIDTH
AND PHASE SHIFT
vs
FREE-AIR TEMPERATURE
Phase Shift
Figure 13
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.


同様の部品番号 - TL074MN

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TL074MN STMICROELECTRONICS-TL074MN Datasheet
108Kb / 11P
   LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL074MN TI-TL074MN Datasheet
903Kb / 36P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results

同様の説明 - TL074MN

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL071 TI-TL071_10 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074CJ TI1-TL074CJ Datasheet
1Mb / 48P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_09 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI1-TL071_16 Datasheet
2Mb / 51P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL071 TI1-TL071_18 Datasheet
2Mb / 68P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL071 TI-TL071_07 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071CPSE4 TI-TL071CPSE4 Datasheet
1Mb / 49P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074ING4 TI-TL074ING4 Datasheet
908Kb / 36P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com