データシートサーチシステム |
|
M27C2001-70XF1TR データシート(PDF) 10 Page - STMicroelectronics |
|
M27C2001-70XF1TR データシート(HTML) 10 Page - STMicroelectronics |
10 / 16 page M27C2001 10/16 Table 11. Ordering Information Scheme Note: 1. High Speed, see AC Characteristics section for further information. For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de- vice, please contact the ST Sales Office nearest to you. Example: M27C2001 -55 X C 1 X Device Type M27 Supp ly Voltage C= 5V Device Function 2001 = 2Mb, 256Kb x8 Speed -55 (1) =55 ns -70 = 70 ns -80 = 80 ns -90 = 90 ns -10 = 100 ns Not for New Design -12 = 120 ns -15 = 150 ns -20 = 200 ns -25 = 250 ns VCC Tolerance X= ± 5% blank = ± 10% Package F = FDIP32W B = PDIP32 L = LCCC32W C = PLCC32 N = TSOP32: 8 x 20mm Temperature Range 1= 0to 70 °C 6= –40 to 85 °C Optio ns X = Additional Burn-in TR = Tape & Reel Packing |
同様の部品番号 - M27C2001-70XF1TR |
|
同様の説明 - M27C2001-70XF1TR |