データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KIC7SZ125FU データシート(PDF) 2 Page - KEC(Korea Electronics)

部品番号 KIC7SZ125FU
部品情報  SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT BUS BUFFER, 3-STATE OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7SZ125FU データシート(HTML) 2 Page - KEC(Korea Electronics)

  KIC7SZ125FU Datasheet HTML 1Page - KEC(Korea Electronics) KIC7SZ125FU Datasheet HTML 2Page - KEC(Korea Electronics) KIC7SZ125FU Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2004. 5. 3
2/3
KIC7SZ125FU
Revision No : 1
RECOMMENDED OPERATING CONDITIONS
DC ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
TEST CONDITION
Ta=25
Ta=-40 85
UNIT
VCC(V)
MIN.
TYP.
MAX.
MIN.
MAX.
High-Level Input Voltage
VIH
-
1.8
0.88
VCC
-
-
0.88
VCC
-
V
2.3
5.5
0.75
VCC
-
-
0.75
VCC
-
Low-Level Input Voltage
VIL
-
1.8
-
-
0.12
VCC
-
0.12
VCC
V
2.3
5.5
-
-
0.25
VCC
-
0.25
VCC
High-Level Output Voltage
VOH
VIN=VIH
or VIL
IOH=-100 A
1.8
1.7
1.8
-
1.7
-
V
2.3
2.2
2.3
-
2.2
-
3.0
2.9
3.0
-
2.9
-
4.5
4.4
4.5
-
4.4
-
IOH=-8mA
2.3
1.9
2.15
-
1.9
-
IOH=-16mA
3.0
2.4
2.8
-
2.4
-
IOH=-24mA
3.0
2.3
2.68
-
2.3
-
IOH=-32mA
4.5
3.8
4.2
-
3.8
-
Low-Level Output Voltage
VOL
VIN=VIH
or VIL
IOL=100 A
1.8
-
0
0.1
-
0.1
V
2.3
-
0
0.1
-
0.1
3.0
-
0
0.1
-
0.1
4.5
-
0
0.1
-
0.1
IOL=8mA
2.3
-
0.1
0.3
-
0.3
IOL=16mA
3.0
-
0.15
0.4
-
0.4
IOL=24mA
3.0
-
0.22
0.55
-
0.55
IOL=32mA
4.5
-
0.22
0.55
-
0.55
Input Leakage Current
IIN
VIN=5.5V or GND
0 5.5
-
-
1
-
10
A
3-state Output off-State Current
IOZ
VIN=VIH or VIL
VOUT=0 5.5V
1.8 5.5
-
-
1
-
10
Quiescent Supply Current
ICC
VIN=VCC or GND
5.5
-
-
2
-
20
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
1.8 5.5
V
1.5 5.5 (Note1)
Input Voltage
VIN
0 5.5
V
Output Voltage
VOUT
0 5.5
(Note2)
V
0 VCC (Note3)
Operating Temperature
Topr
-40 85
Input Rise and Fall Time
dt/dv
0 20 (VCC=1.8V, 2.5V 0.2V)
ns/V
0 10 (VCC=3.3V 0.3V)
0 5 (VCC=5.5V 0.5V)
Note1) Data retention only.
Note2) VCC=0V
Note3) H and Low state


同様の部品番号 - KIC7SZ125FU

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KIC7SZ125FU KEC-KIC7SZ125FU_15 Datasheet
44Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results

同様の説明 - KIC7SZ125FU

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7WG125FC TOSHIBA-TC7WG125FC Datasheet
195Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
TC7WG126FC TOSHIBA-TC7WG126FC Datasheet
195Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
TC7WG126FU TOSHIBA-TC7WG126FU Datasheet
215Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
TC7WG125FU TOSHIBA-TC7WG125FU Datasheet
215Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
TC74AC367P TOSHIBA-TC74AC367P_07 Datasheet
268Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Bus Buffer (3-state)
TC7WT126FU TOSHIBA-TC7WT126FU_01 Datasheet
199Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC INVERTED,3-STATE OUTPUT
TC7WT240FU TOSHIBA-TC7WT240FU_01 Datasheet
199Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC INVERTED,3-STATE OUTPUT
logo
KEC(Korea Electronics)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ240FK KEC-KIC7WZ240FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com