データシートサーチシステム |
|
LD1085XX データシート(PDF) 11 Page - STMicroelectronics |
|
LD1085XX データシート(HTML) 11 Page - STMicroelectronics |
11 / 28 page LD1085xx Electrical characteristics 11/28 Table 8. Electrical characteristics of LD1085#50 (VI = 8 V, CI = CO =10 µF, TA = -40 to 125 °C, unless otherwise specified). Symbol Parameter Test condition Min. Typ. Max. Unit VO Output voltage (1) IO = 0 mA, TJ = 25°C 4.95 5 5.05 V IO = 0 to 3 A, VI = 6.6 to 30 V 4.9 5 5.1 V ΔVO Line regulation IO = 0 mA, VI = 6.6 to 20 V, TJ = 25°C 0.5 10 mV IO = 0 mA, VI = 6.6 to 20 V 1 10 mV ΔVO Load regulation IO = 0 to 3 A, TJ = 25°C 5 10 mV IO = 0 to 3 A 10 35 mV Vd Dropout voltage IO = 3 A 1.3 1.5 V Iq Quiescent current VI ≤30 V 5 10 mA Isc Short circuit current VI - VO = 5 V 3.2 4.5 A VI - VO = 25 V 0.2 0.5 A Thermal regulation TA = 25°C, 30 ms pulse 0.008 0.04 %/W SVR Supply voltage rejection f = 120 Hz, CO = 25 µF, IO = 3 A VI = 10 ± 3 V 60 72 dB eN RMS output noise voltage (% of VO) TA = 25°C, f = 10 Hz to 10 kHz 0.003 % S Temperature stability 0.5 % S Long term stability TA = 125°C, 1000 Hrs 0.5 % 1. See short-circuit current curve for available output current at fixed dropout. |
同様の部品番号 - LD1085XX |
|
同様の説明 - LD1085XX |