データシートサーチシステム |
|
M27C2001-25XL6TR データシート(PDF) 9 Page - STMicroelectronics |
|
M27C2001-25XL6TR データシート(HTML) 9 Page - STMicroelectronics |
9 / 16 page 9/16 M27C2001 On-Board Programming The M27C2001 can be directly programmed in the application circuit. See the relevant Application Note AN620. Electronic Signature The Electronic Signature (ES) mode allows the reading out of a binary code from an EPROM that will identify its manufacturer and type. This mode is intended for use by programming equipment to automatically match the device to be programmed with its corresponding programming algorithm. The ES mode is functional in the 25 °C ± 5°C am- bient temperature range that is required when pro- gramming the M27C2001. To activate the ES mode, the programming equipment must force 11.5V to 12.5V on address line A9 of the M27C2001 with VPP=VCC=5V. Two identifier bytes may then be sequenced from the device out- puts by toggling address line A0 from VIL to VIH. All other address lines must be held at VIL during Electronic Signature mode. Byte 0 (A0=VIL) repre- sents the manufacturer code and byte 1 (A0=VIH) the device identifier code. For the STMicroelec- tronics M27C2001, these two identifier bytes are given in Table 4 and can be read-out on outputs Q0 to Q7. ERASURE OPERATION (applies to UV EPROM) The erasure characteristics of the M27C2001 are such that erasure begins when the cells are ex- posed to light with wavelengths shorter than ap- proximately 4000 Å. It should be noted that sunlight and some type of fluorescent lamps have wavelengths in the 3000-4000 Å range. Data shows that constant exposure to room level fluo- rescent lighting could erase a typical M27C2001 in about 3 years, while it would take approximately 1 week to cause erasure when exposed to direct sunlight. If the M27C2001 is to be exposed to these types of lighting conditions for extended pe- riods of time, it is suggested that opaque labels be put over the M27C2001 window to prevent unin- tentional erasure. The recommended erasure pro- cedure for the M27C2001 is exposure to short wave ultraviolet light which has wavelength of 2537 Å. The integrated dose (i.e. UV intensity x exposure time) for erasure should be a minimum of 15 W-sec/cm2. The erasure time with this dos- age is approximately 15 to 20 minutes using an ul- traviolet lamp with 12000 µW/cm2 power rating. The M27C2001 should be placed within 2.5 cm (1 inch) of the lamp tubes during the erasure. Some lamps have a filter on their tubes which should be removed before erasure. |
同様の部品番号 - M27C2001-25XL6TR |
|
同様の説明 - M27C2001-25XL6TR |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |