データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL1431CD データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL1431CD
部品情報  PRECISION PROGRAMMABLE REFERENCE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL1431CD データシート(HTML) 8 Page - Texas Instruments

Back Button TL1431CD Datasheet HTML 4Page - Texas Instruments TL1431CD Datasheet HTML 5Page - Texas Instruments TL1431CD Datasheet HTML 6Page - Texas Instruments TL1431CD Datasheet HTML 7Page - Texas Instruments TL1431CD Datasheet HTML 8Page - Texas Instruments TL1431CD Datasheet HTML 9Page - Texas Instruments TL1431CD Datasheet HTML 10Page - Texas Instruments TL1431CD Datasheet HTML 11Page - Texas Instruments TL1431CD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
www.ti.com
0.15
0.1
0.05
0
− 25
0
25
50
75
0.2
0.25
OFF-STATE CATHODE CURRENT
vs
FREE-AIR TEMPERATURE
0.3
100
125
0.35
0.4
TA − Free-Air Temperature − °C
VKA = 36 V
VI(ref) = 0
−50
−1.15
−1.25
−1.35
−1.45
− 25
0
−1.05
RATIO OF DELTA REFERENCE VOLTAGE TO
DELTA CATHODE VOLTAGE
vs
FREE-AIR TEMPERATURE
25
50
75
100
125
TA − Free-Air Temperature − °C
VKA = 3 V to 36 V
−0.85
−0.95
−50
180
140
120
100
10
100
1 k
220
240
f − Frequency − Hz
EQUIVALENT INPUT-NOISE VOLTAGE
vs
FREQUENCY
260
10 k
100 k
200
160
IO = 10 mA
TA = 25°C
TL1431
PRECISION PROGRAMMABLE REFERENCE
SLVS062L – DECEMBER 1991 – REVISED OCTOBER 2007
Figure 8.
Figure 9.
Figure 10.
8
Submit Documentation Feedback
Copyright © 1991–2007, Texas Instruments Incorporated
Product Folder Link(s): TL1431


同様の部品番号 - TL1431CD

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TL1431CD STMICROELECTRONICS-TL1431CD Datasheet
79Kb / 8P
   PROGRAMMABLE VOLTAGE REFERENCE
logo
Texas Instruments
TL1431CD TI-TL1431CD Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
STMicroelectronics
TL1431CD STMICROELECTRONICS-TL1431CD Datasheet
267Kb / 13P
   Programmable Voltage Reference
logo
Texas Instruments
TL1431CD TI-TL1431CD Datasheet
387Kb / 24P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
STMicroelectronics
TL1431CD STMICROELECTRONICS-TL1431CD Datasheet
234Kb / 16P
   Programmable voltage reference
More results

同様の説明 - TL1431CD

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com