データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM201A データシート(PDF) 1 Page - Rectron Semiconductor

部品番号 FM201A
部品情報  SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RECTRON [Rectron Semiconductor]
ホームページ  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM201A データシート(HTML) 1 Page - Rectron Semiconductor

  FM201A Datasheet HTML 1Page - Rectron Semiconductor FM201A Datasheet HTML 2Page - Rectron Semiconductor FM201A Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT
GLASS PASSIVATED SILICON RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FM201A
THRU
FM207A
DO-214AC
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
2. Thermal resistance junction to terminal, 5X5mm2 copper pads to each terminal.
3. Thermal resistance junction to ambient, 5X5mm2 copper pads to each terminal.
* Glass passivated device
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.057 gram
* Epoxy : Device has UL flammability classification 94V-0
Dimensions in inches and (millimeters)
2002-6
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
uAmps
Maximum Instantaneous Forward Voltage at 2.0A DC
Volts
5.0
125
@TA = 25
oC
@TA = 125
oC
1.1
uAmps
UNITS
FM201A
FM203A
FM205A
FM207A
FM202A
FM204A
FM206A
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 75 C
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermaesistance
SYMBOL
VRRM
VDC
IFSM
(Note 3)R
θJA
TJ,TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
2.0
50
20
50
Amps
0C/ W
pF
Operating and Storage Temperature Range
IO
30
0C/ W
Typical Junction Capacitance (Note 1)
CJ
FM201A
FM203A
FM205A
FM207A
FM202A
50
200
600
1000
100
-55 to + 150
0 C
(Note 2)R
θJL
FM204A
FM206A
400
800
50
200
600
1000
100
400
800
35
140
420
700
70
280
560
o
MECHANICAL DATA
0.012 (0.305)
0.006 (0.152)
0.008 (0.203)
0.004 (0.102)
0.209 (5.31)
0.185 (4.70)
0.035 (0.89)
0.059 (1.50)
0.067 (1.70)
0.091 (2.31)
0.160(4.06)
0.180(4.57)
0.086 (2.18)
0.110 (2.79)
0.067 (1.70)
0.051 (1.29)


同様の部品番号 - FM201A

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
FM201 RECTRON-FM201 Datasheet
22Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Formosa MS
FM201 FORMOSA-FM201 Datasheet
67Kb / 2P
   Glass passivated type
logo
Shenzhen Luguang Electr...
FM201 LUGUANG-FM201 Datasheet
93Kb / 7P
   2.0A Surface Mount General Purpose
logo
Formosa MS
FM201 FORMOSA-FM201 Datasheet
56Kb / 7P
   Chip General Purpose Rectifiers
FM201-BS FORMOSA-FM201-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
More results

同様の説明 - FM201A

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
FM4001B RECTRON-FM4001B Datasheet
29Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
FM501B RECTRON-FM501B Datasheet
313Kb / 6P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
General Semiconductor
S2A GE-S2A Datasheet
74Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
Rectron Semiconductor
SM4004-W RECTRON-SM4004-W Datasheet
445Kb / 4P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
Olitech Electronics Co....
SM4001 OLITECH-SM4001 Datasheet
484Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
Rectron Semiconductor
FM3013 RECTRON-FM3013 Datasheet
257Kb / 6P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
FM4001F RECTRON-FM4001F Datasheet
94Kb / 6P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
SM4001 KOOCHIN-SM4001 Datasheet
255Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
Nantong Hornby Electron...
S1X HORNBY-S1X Datasheet
383Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
Rectron Semiconductor
FM801P RECTRON-FM801P Datasheet
300Kb / 8P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com