データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LBZX84XXXXLT1G データシート(PDF) 5 Page - Leshan Radio Company

部品番号 LBZX84XXXXLT1G
部品情報  Zener Voltage Regulator Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBZX84XXXXLT1G データシート(HTML) 5 Page - Leshan Radio Company

  LBZX84XXXXLT1G Datasheet HTML 1Page - Leshan Radio Company LBZX84XXXXLT1G Datasheet HTML 2Page - Leshan Radio Company LBZX84XXXXLT1G Datasheet HTML 3Page - Leshan Radio Company LBZX84XXXXLT1G Datasheet HTML 4Page - Leshan Radio Company LBZX84XXXXLT1G Datasheet HTML 5Page - Leshan Radio Company LBZX84XXXXLT1G Datasheet HTML 6Page - Leshan Radio Company LBZX84XXXXLT1G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
GENERAL DATA — 225 mW SOT-23
225 mW SOT-23
Zener Voltage Regulator Diodes — Surface Mounted
MULTIPLE PACKAGE QUANTITY (MPQ)
REQUIREMENTS
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. MAXIMUM LEAD THICKNESS INCLUDES
LEAD FINISH THICKNESS. MINIMUM LEAD
THICKNESS IS THE MINIMUM THICKNESS
OF BASE MATERIAL.
A
B
C
D
G
H
J
K
L
S
V
INCHES
MILLIMETERS
DIM
MIN
M A X
MIN
M A X
2.80
1.20
0.89
0.37
1.78
0.013
0.085
0.45
0.89
2.10
0.45
3.04
1.40
1.11
0.50
2.04
0.100
0.177
0.60
1.02
2.50
0.60
0.1102
0.0472
0.0350
0.0150
0.0701
0.0005
0.0034
0.0180
0.0350
0.0830
0.0177
0.1197
0.0551
0.0440
0.0200
0.0807
0.0040
0.0070
0.0236
0.0401
0.0984
0.0236
(Refer to Section 10 for Surface Mount, Thermal Data and Footprint Information.)
SOT-23 Footprint
A
L
S
V
G
1
2
3
C
K
J
B
D
H
STYLE 8:
PIN 1. ANODE
2. NO CONNECTION
3. CATHODE
inches
mm
()
0.037
0.95
0.037
0.95
0.079
2.0
0.035
0.9
0.031
0.8
(Refer to Section 10 for more information on Packaging Specifications.)
Package Option
Type No. Suffix
MPQ (Units)
Tape and Reel
T1
3K
Tape and Ammo
T3
10K
LESHAN RADIO COMPANY, LTD.
5/5


同様の部品番号 - LBZX84XXXXLT1G

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LBZX84B10LT1G LRC-LBZX84B10LT1G Datasheet
335Kb / 7P
   Zener Voltage Regulators
LBZX84B10LT1G LRC-LBZX84B10LT1G Datasheet
335Kb / 7P
   Zener Voltage Regulators
LBZX84B11LT1G LRC-LBZX84B11LT1G Datasheet
335Kb / 7P
   Zener Voltage Regulators
LBZX84B11LT1G LRC-LBZX84B11LT1G Datasheet
335Kb / 7P
   Zener Voltage Regulators
LBZX84B12LT1G LRC-LBZX84B12LT1G Datasheet
335Kb / 7P
   Zener Voltage Regulators
More results

同様の説明 - LBZX84XXXXLT1G

メーカー部品番号データシート部品情報
logo
Continental Device Indi...
MMSZ3V3 CDIL-MMSZ3V3 Datasheet
292Kb / 4P
   ZENER VOLTAGE REGULATOR DIODES
logo
Yea Shin Technology Co....
BZX84C2V4 YEASHIN-BZX84C2V4 Datasheet
776Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
SZB4.3A LRC-SZB4.3A Datasheet
128Kb / 4P
   Zener Voltage Regulator Diodes
logo
Shanghai Leiditech Elec...
LBZX84C2V4LT1G LEIDITECH-LBZX84C2V4LT1G Datasheet
756Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
LBZX84CLT1G LRC-LBZX84CLT1G_15 Datasheet
395Kb / 5P
   Zener Voltage Regulator Diodes
LBZB84C2V4LT1G LRC-LBZB84C2V4LT1G Datasheet
224Kb / 5P
   Zener Voltage Regulator Diodes
logo
Pan Jit International I...
AZD27C21 PANJIT-AZD27C21 Datasheet
358Kb / 5P
   VOLTAGE REGULATOR ZENER DIODES
logo
Shenzhen Taychipst Elec...
AZD27C21 TAYCHIPST-AZD27C21 Datasheet
4Mb / 2P
   VOLTAGE REGULATOR ZENER DIODES
logo
Leshan Radio Company
LBZX84C2V4LT1G LRC-LBZX84C2V4LT1G Datasheet
260Kb / 5P
   Zener Voltage Regulator Diodes
LBZX84CXXXLT1G LRC-LBZX84CXXXLT1G Datasheet
395Kb / 5P
   Zener Voltage Regulator Diodes
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com