データシートサーチシステム |
|
LM317MQKTPR データシート(PDF) 3 Page - Texas Instruments |
|
LM317MQKTPR データシート(HTML) 3 Page - Texas Instruments |
3 / 14 page www.ti.com TYPICAL CHARACTERISTICS 0 25 50 75 100 125 0 0.10 0.20 0.30 0.40 0.50 0.60 0.70 0.80 0.90 1.00 TJ − Temperature − °C VI = 4.25 V to 41.25 V VO = Vref IL = 10 mA 0 25 50 TJ − Temperature − °C 0.20 0.15 0.10 0.05 0.00 −0.05 −0.10 −0.15 −0.20 −0.25 −0.30 −0.35 −0.40 75 100 125 VI = 45 V VO = 5 V IL = 10 mA to 100 mA VI = 10 V VO = 5 V IL = 10 mA to 40 mA 0 25 50 53 51 49 47 45 43 41 39 37 35 IL = 10 mA IL = 100 mA TJ − Temperature − °C 55 75 100 125 VI = 6.25 V VO = Vref 0 25 50 TJ − Temperature − °C 1.260 VI = 4.25 V VO = Vref IL = 10 mA 1.255 1.250 1.245 1.240 1.235 1.230 1.225 1.220 75 100 125 LM317M 3-TERMINAL ADJUSTABLE REGULATOR SLVS297O – APRIL 2000 – REVISED JULY 2006 LINE REGULATION LOAD REGULATION vs vs TEMPERATURE TEMPERATURE Figure 1. Figure 2. ADJUST TERMINAL CURRENT TEMPERATURE STABILITY vs vs TEMPERATURE TEMPERATURE Figure 3. Figure 4. 3 Submit Documentation Feedback |
同様の部品番号 - LM317MQKTPR |
|
同様の説明 - LM317MQKTPR |