データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3-0155-32S-P1-E データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 TS3-0155-32S-P1-E
部品情報  1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

TS3-0155-32S-P1-E データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  TS3-0155-32S-P1-E Datasheet HTML 1Page - List of Unclassifed Manufacturers TS3-0155-32S-P1-E Datasheet HTML 2Page - List of Unclassifed Manufacturers TS3-0155-32S-P1-E Datasheet HTML 3Page - List of Unclassifed Manufacturers TS3-0155-32S-P1-E Datasheet HTML 4Page - List of Unclassifed Manufacturers TS3-0155-32S-P1-E Datasheet HTML 5Page - List of Unclassifed Manufacturers TS3-0155-32S-P1-E Datasheet HTML 6Page - List of Unclassifed Manufacturers TS3-0155-32S-P1-E Datasheet HTML 7Page - List of Unclassifed Manufacturers TS3-0155-32S-P1-E Datasheet HTML 8Page - List of Unclassifed Manufacturers TS3-0155-32S-P1-E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
1310 nm Single-mode Transceiver (S1.1)
1x9, SC Duplex Connector, 3.3 V
155 Mbps ATM/SONET OC-3/SDH STM-1
Headquarters :
No. 669, Sec. 4 Chung Hsing Road
Chudung, HsinChu, Taiwan 310, ROC
Tel: +886-3-582-8270
Fax: +886-3-582-8416
Version 3.3
5/10
Date: 2003/02/17
http:// www.ritekom.com
Typical BER Performance of Receiver versus Input Optical Power Level
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
-2.5
-2
-1.5
-1
-0.5
0
0.5
Relative Input Optical Power (dB)
The figure shows the relationship between typical trade-off of BER and Relative Input Optical Power. Besides the
required BER =1
× 10−10 of the ATM Forum 155.52 Mbps Physical Layer Standard, The transceiver can be operated at
other Bit-Error-Rate conditions. The Relative Input Optical Power in dB is referenced to the actual sensitivity of the
device. For BER conditions better than 1
× 10−10, more input signal is needed (+dB).
Eye Diagram
Transmitter
Receiver
Signal pattern: PRBS 23
Signal pattern: PRBS 23
Input Power:
−35 dBm


同様の部品番号 - TS3-0155-32S-P1-E

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS3-45A01 ETC-TS3-45A01 Datasheet
105Kb / 1P
   3-pole MCF
TS3-57 ETC2-TS3-57 Datasheet
393Kb / 5P
   Thermal Sensors MOXIE
TS3-60 ETC2-TS3-60 Datasheet
393Kb / 5P
   Thermal Sensors MOXIE
TS3-65 ETC2-TS3-65 Datasheet
393Kb / 5P
   Thermal Sensors MOXIE
TS3-75 ETC2-TS3-75 Datasheet
393Kb / 5P
   Thermal Sensors MOXIE
More results

同様の説明 - TS3-0155-32S-P1-E

メーカー部品番号データシート部品情報
logo
Finisar Corporation.
V23836-C18-C63 FINISAR-V23836-C18-C63 Datasheet
217Kb / 13P
   1x9 Transceiver with Duplex SC Receptacle Single Mode 1310 nm 21 km SONET OC-3/SDH STM-1
V23836-C18-R363 FINISAR-V23836-C18-R363 Datasheet
216Kb / 13P
   1x9 RoHS Compliant Transceiver with Duplex SC Receptacle Single Mode 1310 nm 21 km SONET OC-3/SDH STM-1
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5179BZ AVAGO-AFCT-5179BZ_15 Datasheet
345Kb / 8P
   SC Duplex Single Mode Transceiver
logo
Agilent(Hewlett-Packard...
HFCT-5205 HP-HFCT-5205 Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
HFCT-5103B HP-HFCT-5103B Datasheet
180Kb / 8P
   SC Duplex Single Mode Transceiver
logo
Infineon Technologies A...
V23806-A34-C2 INFINEON-V23806-A34-C2 Datasheet
131Kb / 5P
   Single Mode FDDI 1x9 Transceiver with SC Receptacle
MARCH 2000
V23836-C18-C63 INFINEON-V23836-C18-C63 Datasheet
298Kb / 13P
   1x9 Transceiver with Duplex SC Receptacle Single Mode 1300 nm 21 km SONET OC-3 / SDH STM-1
2004-02-13
V23826-H18-C63 INFINEON-V23826-H18-C63 Datasheet
422Kb / 14P
   DC/DC (5 V/3.3 V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver
2001-08-01
logo
Optoway Technology Inc
SPS-2140WG OPTOWAY-SPS-2140WG_15 Datasheet
188Kb / 5P
   1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2110WG OPTOWAY-SPS-2110WG_15 Datasheet
188Kb / 5P
   1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com