データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33998 データシート(PDF) 10 Page - Freescale Semiconductor, Inc

部品番号 MC33998
部品情報  Switching Power Supply with Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33998 データシート(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC33998_06 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33998_06 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33998_06 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33998_06 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33998_06 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33998_06 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33998_06 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33998_06 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33998_06 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33998
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CHARGE PUMP (CRES)
Charge Pump Voltage
VPWR = KA_VPWR = 14 V, IVDDH = 200 mA, ICP = 0 µA
VPWR = KA_VPWR = 14 V, IVDDH = 200 mA, ICP = 10 µA
VCRES
12
12
15
15
V
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 9.0 V VPWR 16 V, -40°C TJ = TA 125°C, using the typical application circuit (see
Figure 8) unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


同様の部品番号 - MC33998_06

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC33998D FREESCALE-MC33998D Datasheet
442Kb / 20P
   Switching Power Supply with Linear Regulators
MC33998DW FREESCALE-MC33998DW Datasheet
442Kb / 20P
   Switching Power Supply with Linear Regulators
MC33998R2 FREESCALE-MC33998R2 Datasheet
442Kb / 20P
   Switching Power Supply with Linear Regulators
More results

同様の説明 - MC33998_06

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
33997 FREESCALE-33997 Datasheet
455Kb / 20P
   Switching Power Supply with Linear Regulators
MC33998 FREESCALE-MC33998 Datasheet
442Kb / 20P
   Switching Power Supply with Linear Regulators
logo
Motorola, Inc
MC33997 MOTOROLA-MC33997 Datasheet
454Kb / 20P
   Switching Power Supply with Linear Regulators
logo
Freescale Semiconductor...
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
logo
Texas Instruments
TPS71501-Q1 TI1-TPS71501-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Supply Current Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX1982 MAXIM-MAX1982_08 Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1982 MAXIM-MAX1982 Datasheet
383Kb / 12P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
19-2560; Rev 0; 7/02
MAX1983EUT MAXIM-MAX1983EUT Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com