データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS71108AGU-7 データシート(PDF) 9 Page - List of Unclassifed Manufacturers

部品番号 GS71108AGU-7
部品情報  128K x 8 1Mb Asynchronous SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

GS71108AGU-7 データシート(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button GS71108AGU-7 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS71108AGU-7 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS71108AGU-7 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS71108AGU-7 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS71108AGU-7 Datasheet HTML 9Page - List of Unclassifed Manufacturers GS71108AGU-7 Datasheet HTML 10Page - List of Unclassifed Manufacturers GS71108AGU-7 Datasheet HTML 11Page - List of Unclassifed Manufacturers GS71108AGU-7 Datasheet HTML 12Page - List of Unclassifed Manufacturers GS71108AGU-7 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1
e
B1
D
y
Q
c
L
Detail A
A
B
Notes:
1. Dimension D& E do not include interlead flash.
2. Dimension B1 does not include dambar protrusion/intrusion.
3. Controlling dimension: inches
Symbol
Dimension in inch
Dimension in mm
min
nom
max
min
nom
max
A
0.125
0.148
3.175
3.76
A1
0.026
0.66
A2
0.095
0.100
0.105
2.41
2.54
2.67
B
0.013
0.017
0.021
0.33
0.43
0.53
B1
0.024
0.028
0.032
0.61
0.71
0.81
c
0.006
0.008
0.012
0.15
0.20
0.30
D
0.820
0.825
0.830
20.82
20.95
21.08
E
0.295
0.300
0.305
7.49
7.62
7.75
e
0.05
1.27
HE
0.330
0.335
0.340
8.38
8.51
8.64
GE
0.255
0.267
0.275
6.48
6.78
6.958
L
0.082
2.08
y
0.004
0.10
Q
0o
10o
0o
10o
GS71108ATP/J/SJ/U
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.08 6/2006
9/16
© 2001, GSI Technology
32-Pin SOJ, 300 mil


同様の部品番号 - GS71108AGU-7

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
GS71108AJ-10 ETC-GS71108AJ-10 Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
GS71108AJ-10I ETC-GS71108AJ-10I Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
GS71108AJ-12 ETC-GS71108AJ-12 Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
GS71108AJ-12I ETC-GS71108AJ-12I Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
GS71108AJ-7 ETC-GS71108AJ-7 Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
More results

同様の説明 - GS71108AGU-7

メーカー部品番号データシート部品情報
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC-GS71108ATP Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71116TP ETC1-GS71116TP Datasheet
220Kb / 15P
   1Mb Asynchronous SRAM
GS71116ATP ETC1-GS71116ATP Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
logo
ON Semiconductor
N01L83W2A ONSEMI-N01L83W2A Datasheet
527Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
July 2008 - Rev. 10
logo
GSI Technology
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS73024B-10 ETC-GS73024B-10 Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com