データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB121S03 データシート(PDF) 4 Page - LG Semicon Co.,Ltd.

部品番号 LB121S03
部品情報  12.1??SVGA TFT LCD
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LG [LG Semicon Co.,Ltd.]
ホームページ  
Logo LG - LG Semicon Co.,Ltd.

LB121S03 データシート(HTML) 4 Page - LG Semicon Co.,Ltd.

  LB121S03 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LB121S03 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LB121S03 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LB121S03 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LB121S03 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LB121S03 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LB121S03 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LB121S03 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LB121S03 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Product Specification
4 / 23
LB121S03
Liquid Crystal Display
Ver. 0.0
Feb. 27, 2006
1. General Description
General Features
6-bit, 262,144 colors
Color Depth
800 horiz. By 600 vert. Pixels RGB strip arrangement
Pixel Format
400 cd/m2(Typ.)
Luminance, White
6.8 Watt(Typ.)
Power Consumption
690 g (Max.)
Weight
Transmissive mode, normally white
Display Operating Mode
Anti-glare treatment
Surface Treatment
0.3075 mm × 0.3075 mm
Pixel Pitch
276(H) × 209(V) × 11(D) mm
Outline Dimension
12.1 inches(30.75cm) diagonal
Active Screen Size
The LB121S03 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent
Lamp (CCFL) backlight system. The matrix employs a-Si Thin Film Transistor as the active element. It is a
transmissive type display operating in the normally white mode. This TFT-LCD has 12.1 inches diagonally
measured active display area with SVGA resolution(600 vertical by 800 horizontal pixel array). Each pixel is
divided into Red, Green and Blue sub-pixels or dots which are arranged in vertical stripes. Gray scale or the
brightness of the sub-pixel color is determined with a 6-bit gray scale signal for each dot, thus, presenting a
palette of more than 262,144 colors.
The LB121S03 has been designed to apply the interface method that enables low power, high speed, low
EMI.
The LB121S03 is intended to support applications where thin thickness, low power are critical factors and
graphic displays are important. In combination with the vertical arrangement of the sub-pixels, the
LB121S03 characteristics provide an excellent flat display for office automation products such as Notebook
PC or etc.
LAMP2
VBL
GND
CN3
LAMP1
VBL
CN2
GND
LVDS
&
Timing
Control
Block
Power
Block
Column Driver Circuit
TFT-LCD
(800 X 600)
CN1
PDF created with pdfFactory trial version www.pdffactory.com


同様の部品番号 - LB121S03

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
LB121 SEOUL-LB121 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LB121 SEOUL-LB121 Datasheet
360Kb / 13P
   CYAN LAMP LED
LB121 SEOUL-LB121 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LB121 SEOUL-LB121 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LB121 SEOUL-LB121 Datasheet
378Kb / 14P
   RED LAMP LED
More results

同様の説明 - LB121S03

メーカー部品番号データシート部品情報
logo
AAEON Technology
OPD-212A AAEON-OPD-212A Datasheet
257Kb / 2P
   12.1??TFT SVGA LCD
logo
Axiomtek Co., Ltd.
P6122 AXIOMTEK-P6122_17 Datasheet
359Kb / 2P
   12.1 SVGA TFT Industrial LCD Monitor
logo
AAEON Technology
PC3200 AAEON-PC3200 Datasheet
2Mb / 2P
   12.1 TFT SVGA (800 x 600) LCD
AMB-2023-E AAEON-AMB-2023-E Datasheet
782Kb / 2P
   12.1" TFT SVGA (800 x 600) LCD
APC-8122 AAEON-APC-8122 Datasheet
326Kb / 2P
   12.1??TFT SVGA (800 x 600) LCD
AWK-3201 AAEON-AWK-3201 Datasheet
661Kb / 2P
   12.1??SVGA (800 x 600) Color TFT LCD
logo
Sharp Corporation
LQ121S7LY01 SHARP-LQ121S7LY01 Datasheet
182Kb / 1P
   31 cm [12.1] SVGA TFT-LCD Module for IA
logo
Advantech Co., Ltd.
TPC-1261H ADVANTECH-TPC-1261H Datasheet
395Kb / 2P
   12.1 SVGA TFT LCD Geode??LX800 Touch Panel Computer
logo
Axiomtek Co., Ltd.
GOT5120T-832 AXIOMTEK-GOT5120T-832_17 Datasheet
515Kb / 2P
   12.1 XGA/SVGA TFT LCD display with LED backlight
GOT5120T-845 AXIOMTEK-GOT5120T-845 Datasheet
449Kb / 2P
   12.1" XGA/SVGA TFT LCD display with LED backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com