データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB121S03 データシート(PDF) 8 Page - LG Semicon Co.,Ltd.

部品番号 LB121S03
部品情報  12.1??SVGA TFT LCD
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LG [LG Semicon Co.,Ltd.]
ホームページ  
Logo LG - LG Semicon Co.,Ltd.

LB121S03 データシート(HTML) 8 Page - LG Semicon Co.,Ltd.

Back Button LB121S03 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LB121S03 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LB121S03 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LB121S03 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LB121S03 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LB121S03 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LB121S03 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LB121S03 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LB121S03 Datasheet HTML 12Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Product Specification
8 / 23
LB121S03
Liquid Crystal Display
Ver. 0.0
Feb. 27, 2006
3-2. Interface Connections
Table 3. MODULE CONNECTOR PIN CONFIGURATION (CN1)
Ground
GND
20
Ground
GND
19
Ground
GND
18
Ground
GND
17
Ground
GND
16
Positive LVDS differential clock input
CLKP
15
Negative LVDS differential clock input
CLKM
14
Ground
GND
13
Positive LVDS differential data input
A3P
12
Negative LVDS differential data input
A3M
11
Power Supply, 3.3V Typ.
VCC
2
Ground
GND
3
Ground
GND
4
Negative LVDS differential data input
A1M
5
Positive LVDS differential data input
A1P
6
Ground
GND
7
Positive LVDS differential data input
A2P
9
Power Supply, 3.3V Typ.
VCC
1
Negative LVDS differential data input
A2M
8
Ground
GND
10
Notes
Description
Symbol
Pin
1, Interface chips
1.1 LCD : SW, SW0602_U(LCD Controller)
including LVDS Receiver
1.2 System : THC63LVDM63A
or Equivalent
* Pin to Pin compatible with TI LVDS
2. Connector
2.1 LCD : GT100-20P-LS-SMT, LS Cable
or Equivalent
2.2 Mating
Discrete Wire type:DF19G-20S-1C(HIROSE)
FPC type
:DF19G-20S-1F(HIROSE)
This LCD employs two interface connections, a 20 pin connector is used for the module electronics interface
and the other connector is used for the integral backlight system.
The electronics interface connector is a model GT100-20P-LS-SMT manufactured by LS Cable.
The backlight interface connector is a model BHR-03VS-1, manufactured by JST. The mating connector
part number is SM02B(8.0)B-BHS-1-TB or equivalent.
Pin
1
Symbol
Notes
HV
Description
High Voltage (Pink color)
-
2
Low Voltage (white color)
3
LV
NC
-
-
-
Table 4. BACKLIGHT CONNECTOR PIN CONFIGURATION (CN2, CN3)
PDF created with pdfFactory trial version www.pdffactory.com


同様の部品番号 - LB121S03

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
LB121 SEOUL-LB121 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LB121 SEOUL-LB121 Datasheet
360Kb / 13P
   CYAN LAMP LED
LB121 SEOUL-LB121 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LB121 SEOUL-LB121 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LB121 SEOUL-LB121 Datasheet
378Kb / 14P
   RED LAMP LED
More results

同様の説明 - LB121S03

メーカー部品番号データシート部品情報
logo
AAEON Technology
OPD-212A AAEON-OPD-212A Datasheet
257Kb / 2P
   12.1??TFT SVGA LCD
logo
Axiomtek Co., Ltd.
P6122 AXIOMTEK-P6122_17 Datasheet
359Kb / 2P
   12.1 SVGA TFT Industrial LCD Monitor
logo
AAEON Technology
PC3200 AAEON-PC3200 Datasheet
2Mb / 2P
   12.1 TFT SVGA (800 x 600) LCD
AMB-2023-E AAEON-AMB-2023-E Datasheet
782Kb / 2P
   12.1" TFT SVGA (800 x 600) LCD
APC-8122 AAEON-APC-8122 Datasheet
326Kb / 2P
   12.1??TFT SVGA (800 x 600) LCD
AWK-3201 AAEON-AWK-3201 Datasheet
661Kb / 2P
   12.1??SVGA (800 x 600) Color TFT LCD
logo
Sharp Corporation
LQ121S7LY01 SHARP-LQ121S7LY01 Datasheet
182Kb / 1P
   31 cm [12.1] SVGA TFT-LCD Module for IA
logo
Advantech Co., Ltd.
TPC-1261H ADVANTECH-TPC-1261H Datasheet
395Kb / 2P
   12.1 SVGA TFT LCD Geode??LX800 Touch Panel Computer
logo
Axiomtek Co., Ltd.
GOT5120T-832 AXIOMTEK-GOT5120T-832_17 Datasheet
515Kb / 2P
   12.1 XGA/SVGA TFT LCD display with LED backlight
GOT5120T-845 AXIOMTEK-GOT5120T-845 Datasheet
449Kb / 2P
   12.1" XGA/SVGA TFT LCD display with LED backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com