データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHCT02PW データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AHCT02PW
部品情報  QUADRUPLE 2-INPUT POSITIVE-NOR GATES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT02PW データシート(HTML) 2 Page - Texas Instruments

  SN74AHCT02PW Datasheet HTML 1Page - Texas Instruments SN74AHCT02PW Datasheet HTML 2Page - Texas Instruments SN74AHCT02PW Datasheet HTML 3Page - Texas Instruments SN74AHCT02PW Datasheet HTML 4Page - Texas Instruments SN74AHCT02PW Datasheet HTML 5Page - Texas Instruments SN74AHCT02PW Datasheet HTML 6Page - Texas Instruments SN74AHCT02PW Datasheet HTML 7Page - Texas Instruments SN74AHCT02PW Datasheet HTML 8Page - Texas Instruments SN74AHCT02PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
SN54AHCT02, SN74AHCT02
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SCLS262L – DECEMBER 1995 – REVISED JULY 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
Y
H
X
L
X
HL
L
L
H
logic diagram (positive logic)
2
1A
3
1B
1Y
1
8
3A
9
3B
3Y
10
5
2A
6
2B
2Y
4
11
4A
12
4B
4Y
13
Pin numbers shown are for the D, DB, DGV, J, N, NS, PW, RGY, and W packages.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
–20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 2): DB package
96
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 2): DGV package
127
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 2): N package
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 2): NS package
76
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 2): PW package
113
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 3): RGY package
47
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
3. The package thermal impedance is calculated in accordance with JESD 51-5.


同様の部品番号 - SN74AHCT02PW

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHCT02PW TI-SN74AHCT02PW Datasheet
83Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN74AHCT02PW TI1-SN74AHCT02PW Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN74AHCT02PWLE TI1-SN74AHCT02PWLE Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN74AHCT02PWR TI1-SN74AHCT02PWR Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN74AHCT02PWR TI-SN74AHCT02PWR Datasheet
2Mb / 39P
[Old version datasheet]   SNx4AHCT02 Quadruple 2-Input Positive-NOR Gates
REVISED MAY 2023
More results

同様の説明 - SN74AHCT02PW

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74LS02 HITACHI-HD74LS02 Datasheet
43Kb / 5P
   Quadruple 2-input Positive NOR Gates
logo
Texas Instruments
SN54F36 TI-SN54F36 Datasheet
142Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54ALS02A TI-SN54ALS02A_08 Datasheet
665Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHC02 TI-SN54AHC02 Datasheet
86Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02 Datasheet
83Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCC02 TI-SN54AHCC02 Datasheet
624Kb / 18P
[Old version datasheet]   QUADRUPLE 2 - INPUT POSITIVE - NOR GATES
SN54HC02 TI-SN54HC02_07 Datasheet
661Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54HC02 TI-SN54HC02_09 Datasheet
700Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN5402 TI-SN5402_07 Datasheet
968Kb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
74AC11002D TI-74AC11002D Datasheet
83Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com