データシートサーチシステム |
|
M27C160-150M6 データシート(PDF) 6 Page - STMicroelectronics |
|
M27C160-150M6 データシート(HTML) 6 Page - STMicroelectronics |
6 / 19 page M27C160 6/19 Table 8. Read Mode AC Characteristics (1) (TA =0 to 70 °C or –40to85°C; VCC = 5V ± 5% or 5V ± 10%; VPP =VCC) Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. 2. Sampled only, not 100% tested. 3. Speed obtained with High Speed AC measurement conditions. Symbol Alt Parameter Test Condition M27C160 Unit -50 (3) -70 (3) Min Max Min Max tAVQV tACC Address Valid to Output Valid E =VIL,G =VIL 50 70 ns tBHQV tST BYTE High to Output Valid E =VIL,G =VIL 50 70 ns tELQV tCE Chip Enable Low to Output Valid G =VIL 50 70 ns tGLQV tOE Output Enable Low to Output Valid E =VIL 30 35 ns tBLQZ (2) tSTD BYTE Low to Output Hi-Z E =VIL,G =VIL 30 30 ns tEHQZ (2) tDF Chip Enable High to Output Hi-Z G =VIL 0 25 0 25 ns tGHQZ (2) tDF Output Enable High to OutputHi-Z E =VIL 0 25 0 25 ns tAXQX tOH Address Transition to Output Transition E =VIL,G =VIL 55 ns tBLQX tOH BYTE Low to Output Transition E =VIL,G =VIL 55 ns |
同様の部品番号 - M27C160-150M6 |
|
同様の説明 - M27C160-150M6 |