データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL16PC564BLVI データシート(PDF) 5 Page - Texas Instruments

部品番号 TL16PC564BLVI
部品情報  PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL16PC564BLVI データシート(HTML) 5 Page - Texas Instruments

  TL16PC564BLVI Datasheet HTML 1Page - Texas Instruments TL16PC564BLVI Datasheet HTML 2Page - Texas Instruments TL16PC564BLVI Datasheet HTML 3Page - Texas Instruments TL16PC564BLVI Datasheet HTML 4Page - Texas Instruments TL16PC564BLVI Datasheet HTML 5Page - Texas Instruments TL16PC564BLVI Datasheet HTML 6Page - Texas Instruments TL16PC564BLVI Datasheet HTML 7Page - Texas Instruments TL16PC564BLVI Datasheet HTML 8Page - Texas Instruments TL16PC564BLVI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
TL16PC564BLVI
PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
SLLS627− SEPTEMBER 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
INTER-
I/O
DESCRIPTION
NAME
PZ NO.
INTER-
FACE†
I/O
DESCRIPTION
HA0
HA1
HA2
HA3
HA4
HA5
HA6
HA7
HA8
HA9
78
79
81
82
83
84
85
87
90
92
H
I
The 10-bit address bus addresses the attribute memory (bits 1 − 8) and addresses the internal
UART as either PCMCIA I/O (bits 0 − 2) or as a standard COM port (bits 0 − 9).
HD0
HD1
HD2
HD3
HD4
HD5
HD6
HD7
77
76
75
100
99
98
96
95
H
I/O
The 8-bit bidirectional data bus transfers data to and from the attribute memory and the internal
UART.
INPACK
71
H
O
Input port acknowledge. INPACK is an active-low output signal that is asserted when the card
responds to an I/O read cycle at the address on the HA bus.
IORD
63
H
I
I/O read strobe. IORD is an active-low input signal activated to read data from the card I/O space.
The REG signal and at least one of the card enable inputs (CE1, CE2) must also be active for the
I/O transfer to take place. This signal has an internal pullup resistor.
IOWR
64
H
I
I/O write strobe. IORW is an active-low input signal activated to write data to the card I/O space.
The REG signal and at least one of the card enable inputs (CE1, CE2) must also be active for the
I/O transfer to take place. This signal has an internal pullup resistor.
IREQ
88
H
O
Interrupt request. IREQ is an active-low output signal asserted by the card to indicate to the host
CPU that a card device requires host software service. This signal doubles as READY/BUSY
during power-up initialization.
IRQ
27
S
O
Interrupt request. This active-high IRQ to the subsystem indicates a host CPU write to attribute
memory has occurred.
NANDOUT
12
M
O
This is a production test output.
OE
93
H
I
Output enable. OE is an active-low input signal used to gate memory read data from the card. This
signal has an internal pullup resistor.
OUT1
OUT2
37
44
U
O
Output 1 and output 2 are active-low signals. OUT1 and OUT2 are user-defined output terminals
that are set to their active state by setting respective MCR bits (OUT1 and OUT2) high. OUT1 and
OUT2 are set to their inactive (high) state as a result of a reset, doing loop-mode operation, or by
resetting bit 2 (OUT1) or bit 3 (OUT2) of the MCR. This signal has an open-drain outputs.
RCLK
40
U
I
Receiver clock. RCLK is the 16
×-baud-rate clock input for the receiver section of the UART.
RD(DS)
29
S
I
Read enable or data strobe input. RD(DS) is the active-low read enable in the Intel mode and the
active-low data strobe in the Zilog mode.
REG
73
H
I
Attribute memory select. This active-low input signal is generated by the host CPU and accesses
attribute memory (OE and WE active) and I/O space (IORD or IOWR active). PCMCIA common
memory access is excluded. This signal has an internal pullup resistor and hysteresis on the input
buffer.
RESET
67
H
I
Reset. RESET is an active-high input that serves as the master reset for the device. RESET clears
the UART, placing the card in an unconfigured state. This signal has an internal pullup resistor.
† Host = H, Subsystem = S, UART = U, Miscellaneous = M


同様の部品番号 - TL16PC564BLVI

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16PC564BLVI TI1-TL16PC564BLVI Datasheet
711Kb / 35P
[Old version datasheet]   PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
TL16PC564BLVIPZ TI1-TL16PC564BLVIPZ Datasheet
711Kb / 35P
[Old version datasheet]   PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
TL16PC564BLVIPZG4 TI1-TL16PC564BLVIPZG4 Datasheet
711Kb / 35P
[Old version datasheet]   PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
TL16PC564BLVI TI1-TL16PC564BLVI_16 Datasheet
711Kb / 35P
[Old version datasheet]   PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
More results

同様の説明 - TL16PC564BLVI

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16PC564B TI-TL16PC564B Datasheet
488Kb / 33P
[Old version datasheet]   PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
TL16PC564BLVI TI1-TL16PC564BLVI_16 Datasheet
711Kb / 35P
[Old version datasheet]   PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
Altera Corporation
A16450 ALTERA-A16450 Datasheet
282Kb / 16P
   Universal Asynchronous Receiver/Transmitter
logo
Texas Instruments
PC16550D TI1-PC16550D_15 Datasheet
482Kb / 33P
[Old version datasheet]   Universal Asynchronous Receiver/Transmitter
logo
InnovASIC, Inc
IA16450 INNOVASIC-IA16450 Datasheet
97Kb / 10P
   Universal Asynchronous Receiver/Transmitter
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
   Universal Asynchronous Receiver Transmitter(UART)
06/15/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com