データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS68332 データシート(PDF) 2 Page - ATMEL Corporation

部品番号 TS68332
部品情報  High Highperformance 32-bit Integrated Microcontroller
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68332 データシート(HTML) 2 Page - ATMEL Corporation

  TS68332_05 Datasheet HTML 1Page - ATMEL Corporation TS68332_05 Datasheet HTML 2Page - ATMEL Corporation TS68332_05 Datasheet HTML 3Page - ATMEL Corporation TS68332_05 Datasheet HTML 4Page - ATMEL Corporation TS68332_05 Datasheet HTML 5Page - ATMEL Corporation TS68332_05 Datasheet HTML 6Page - ATMEL Corporation TS68332_05 Datasheet HTML 7Page - ATMEL Corporation TS68332_05 Datasheet HTML 8Page - ATMEL Corporation TS68332_05 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
2
2118A–HIREL–11/05
TS68332
Screening/Quality
This product is manufactured in full compliance with:
• MIL-STD-883 (class B)
• DSCC 5962-91501
• Or according to Atmel-Grenoble standard
2.
Introduction
Figure 2-1 on page 3 is a block diagram of the TS68332 showing the major components. The pin
descriptions are provided in Table 2-1 on page 6. The TS68332 contains intelligent peripheral
modules such as the Time Processor Unit (TPU), which provides 16 microcoded channels for
performing time-related activities from simple input capture or output compare to complicated
motor control or pulse width modulation. High-speed serial communications are provided by the
Queued Serial Module (QSM) with synchronous and asynchronous protocols available. 2-
Kbytes of fully static standby RAM allow fast two-cycle access for system and data stacks and
variable storage with provision for battery back-up. There is a System Integration Module (SIM)
which includes twelve chip selects to enhance system integration for fast external memory or
peripheral access. The powerful 32-bit CPU (CPU 32) is based on the industry-standard
TS68020. These modules are connected on chip via the Intermodule Bus (IMB) and provide
reduced system part count, size, cost of implementation and increased reliability.
R suffix
PGA 132
Ceramic Pin Grid Array
A suffix
CERQUAD 132
Ceramic Leaded Chip Carrier


同様の部品番号 - TS68332_05

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
TS68332DESC01XA ATMEL-TS68332DESC01XA Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
TS68332DESC01ZA ATMEL-TS68332DESC01ZA Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
TS68332DESC01ZC ATMEL-TS68332DESC01ZC Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
TS68332DESC02XA ATMEL-TS68332DESC02XA Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
TS68332DESC02ZC ATMEL-TS68332DESC02ZC Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
More results

同様の説明 - TS68332_05

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
TS68332 ATMEL-TS68332 Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
logo
Advanced Micro Devices
ELANSC300 AMD-ELANSC300 Datasheet
1Mb / 139P
   Highly Integrated, Low-Power, 32-Bit Microcontroller
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com