データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSX4-AA-20 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 CSX4-AA-20
部品情報  11.6X5.5 mm Ceramic SMD Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

CSX4-AA-20 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  CSX4-AA-20 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TD-060801 Rev. C
Specifications subject to change without notice.
11.6X5.5 mm Ceramic SMD Crystal
CSX4 Model
All dimensions are Max unless otherwise specified.
Dimensions inches (mm)
Build Your Own P/N
CSX4-XX-XX-Freq
Example:
CSX4-AB-18-19.680 = ±30ppm at 25°C, ±50ppm -10 to 60°C, Fundamental, 18pF Load Cap, 19.680MHz
Frequency Tolerance
at 25°C
A ±30 ppm
B ±50 ppm
(-10 to 60°C)
(-10 to 60°C)
(-10 to 60°C)
(-20 to 70°C)
(-20 to 70°C)
(-40 to 85°C)
±30 ppm
±50 ppm
±100 ppm
±50 ppm
±100 ppm
±100 ppm
A
B
C
D
E
G
Frequency Stability
over Temp Range
<6MHz Only
<8MHz Only
Load
Capacitance
S=
10=
14=
16=
18=
20=
22=
25=
32=
Series
10pF
14 pF
16 pF
18 pF
20 pF
22 pF
25 pF
32 pF
Quartz Crystal
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t
RECOMMENDED REFLOW SOLDERING PROFILE
217°C
200°C
260°C
150°C
90 Secs. Max.
Ramp-Up
3°C/Sec Max.
Preheat
180 Secs. Max.
8 Minutes Max.
260°C for
10 Secs. Max.
Critical Temperature
Zone
Ramp-Down
6°C/Sec.
NOTE: Reflow Profile with 240°C peak also acceptable.
0.357±0.008
(11.6±0.20)
0.126±0.02
0
(5.5±0.50)
CRYSTEK
4.096M
DC
0.079
(2.0)
0.200
(5.08)
0.079
(2.0)
0.098
(2.50)
0.079
(2.0)
0.150
(3.80)
0.094
(2.4)
0.094
(2.4)
0.200
(5.08)
0.090
(2.3)
0.090
(2.3)
0.098
(2.5)
Suggested Pad Layout
Environmental:
Gross Leak Test:
Fine Leak Test:
Thermal Shock:
Moisture Resistance:
MIL-STD-883, Method 1014.10, Condition C
MIL-STD-883, Method 1014.10, Condition A2
MIL-STD-883, Method 1011.9, Condition A
MIL-STD-883, Method 1004.7
Shock:
Solderability:
Vibration:
Solvent Resistance:
Resistance to Soldering
Heat:
Mechanical:
±5ppm max after 3 drops from 75cm onto hard wood board
MIL-STD-883, Method 2003.7
±5ppm max sine vibration 10-55Hz, sweep period 1-2 minutes, amplitude 1.5mm,
3 mutually perpendicular planes each 1 hour
MIL-STD-202, Method 215
MIL-STD-202, Method 210, Condition I or J
3.5MHz to 30MHz
±30ppm to ±100ppm
±30ppm to ±100ppm
-40°C to 85°C
-45°C to 125°C
7.0pF Max
100uW Typical, 300uW Max
±5ppm Max 1st/yr
3.5~4.0MHz= 200 Ohms Max
4.1~6.0MHz= 150 Ohms Max
6.1~10.0MHz= 100 Ohms Max
10.1~14.0MHz= 80 Ohms Max
14.1~30.0MHz= 50 Ohms Max
2K Tape and Reel
Frequency Range:
Calibration Tolerance:
Frequency Stability:
Temperature Range:
Storage:
Shunt Capacitance:
Drive Level:
Aging:
ESR:
Packaging:


同様の部品番号 - CSX4-AA-20

メーカー部品番号データシート部品情報
logo
Crystek Corporation
CSX4 CRYSTEKCRYSTAL-CSX4 Datasheet
136Kb / 1P
   Quartz Crystal 11.6X5.5 mm Ceramic SMD Crystal
More results

同様の説明 - CSX4-AA-20

メーカー部品番号データシート部品情報
logo
Crystek Corporation
CSX4 CRYSTEKCRYSTAL-CSX4 Datasheet
136Kb / 1P
   Quartz Crystal 11.6X5.5 mm Ceramic SMD Crystal
logo
Fox Electronics
FX252BS-20.000 FOX-FX252BS-20.000 Datasheet
236Kb / 2P
   Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B-10.000MHZ-10-1-U-T ABRACON-ABM3B-10.000MHZ-10-1-U-T Datasheet
312Kb / 2P
   CERAMIC SMD CRYSTAL
04.19.13
ABM3B ABRACON-ABM3B_13 Datasheet
312Kb / 2P
   CERAMIC SMD CRYSTAL
04.19.13
logo
List of Unclassifed Man...
ABM3C-15.000MHZ-D4Y-T ETC2-ABM3C-15.000MHZ-D4Y-T Datasheet
1Mb / 3P
   CERAMIC SMD CRYSTAL
logo
Fox Electronics
FX252B FOX-FX252B Datasheet
150Kb / 1P
   Ceramic SMD Crystal
FX532 FOX-FX532 Datasheet
218Kb / 2P
   Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B ABRACON-ABM3B_08 Datasheet
202Kb / 2P
   CERAMIC SMD CRYSTAL
Revised O: 03.11.08
ABM3B-155-12.800MHZ ABRACON-ABM3B-155-12.800MHZ Datasheet
570Kb / 3P
   CERAMIC SMD CRYSTAL
11.8.2016
logo
Fox Electronics
FX1612B FOX-FX1612B Datasheet
70Kb / 1P
   Ceramic SMD Crystal
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com