データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SFR25 データシート(PDF) 5 Page - Vishay Siliconix

部品番号 SFR25
部品情報  Standard Metal Film Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFR25 データシート(HTML) 5 Page - Vishay Siliconix

  SFR25 Datasheet HTML 1Page - Vishay Siliconix SFR25 Datasheet HTML 2Page - Vishay Siliconix SFR25 Datasheet HTML 3Page - Vishay Siliconix SFR25 Datasheet HTML 4Page - Vishay Siliconix SFR25 Datasheet HTML 5Page - Vishay Siliconix SFR25 Datasheet HTML 6Page - Vishay Siliconix SFR25 Datasheet HTML 7Page - Vishay Siliconix SFR25 Datasheet HTML 8Page - Vishay Siliconix SFR25 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.vishay.com
For technical questions contact: ff3dresistors@vishay.com
Document Number: 28722
36
Revision: 08-Dec-05
SFR16S/25/25H
Vishay BCcomponents
Standard Metal Film Resistors
Pulse Loading Capabilities
10-5
10-4
10-3
10-2
10-1
1
10
3
1
10
10 2
P max
(W)
t i (s)
10-6
10-1
2
5
10
20
50
100
200
500
p
i
t /t = 1000
SFR25 Pulse on a regular basis; maximum permissible peak pulse power ( max) as a function of pulse duration (ti)
P
600
0
10 -6
10 -5
10 -4
10 -3
10-2
10-1
1
500
400
300
200
100
V max
(V)
t i (s)
SFR25 Pulse on a regular basis; maximum permissible peak pulse voltage ( max) as a function of pulse duration (ti)
V
10-5
10-4
10-3
10-2
10-1
1
10
3
1
10
10 2
P max
(W)
t i (s)
10-6
10-1
2
5
10
20
50
100
200
500
p
i
t /t = 1000
SFR25H Pulse on a regular basis; maximum permissible peak pulse power ( max) as a function of pulse duration (ti)
P


同様の部品番号 - SFR25

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SFR25 ETC1-SFR25 Datasheet
349Kb / 15P
   Standard metal film resistors
SFR25 ETC-SFR25 Datasheet
693Kb / 12P
   Standard metal film resistors
SFR25H ETC1-SFR25H Datasheet
349Kb / 15P
   Standard metal film resistors
SFR25H ETC-SFR25H Datasheet
693Kb / 12P
   Standard metal film resistors
logo
Vishay Siliconix
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
More results

同様の説明 - SFR25

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SFR16S ETC1-SFR16S Datasheet
349Kb / 15P
   Standard metal film resistors
SFR165 ETC-SFR165 Datasheet
693Kb / 12P
   Standard metal film resistors
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com