データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ABT16241 データシート(PDF) 3 Page - Texas Instruments

部品番号 SN74ABT16241
部品情報  16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT16241 データシート(HTML) 3 Page - Texas Instruments

  SN74ABT16241 Datasheet HTML 1Page - Texas Instruments SN74ABT16241 Datasheet HTML 2Page - Texas Instruments SN74ABT16241 Datasheet HTML 3Page - Texas Instruments SN74ABT16241 Datasheet HTML 4Page - Texas Instruments SN74ABT16241 Datasheet HTML 5Page - Texas Instruments SN74ABT16241 Datasheet HTML 6Page - Texas Instruments SN74ABT16241 Datasheet HTML 7Page - Texas Instruments SN74ABT16241 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SN74ABT16241
16BIT BUFFER/DRIVER
WITH 3STATE OUTPUTS
SPICE I/O MODEL
SCBS347 − MAY 1994
2−3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
SPICE netlist
*
ABT16241 SPICE I/O MODEL SUBCIRCUIT
*
ADVANCED BUS INTERFACE
*
ADVANCED SYSTEM LOGIC, TEXAS INSTRUMENTS
*
*
SUBCIRCUITS:
ABT16241IN, ABT16241OUT
*
*
PACKAGE PARASITICS
.LIB ’PKGS.LIB’
SSOP48
*
*
PROCESS MODELS
.LIB ’EPIC2B.LIB’ NOMINAL_L13
*
.LIB ’EPIC2B.LIB’ STRONG_L13
*
.LIB ’EPIC2B.LIB’ WEAK_L13
*
* ABT16241 INPUT SUBCIRCUIT
*
NODES:
INPUT NODE
*
|
INTERNAL OUTPUT NODE
*
|
|
VCC
*
|
|
|
GND
*
|
|
|
|
.SUBCKT ABT16241IN
1
2
199
100
X_PKGIN
1
1001
SSOP48_47
X_PKGVCC
199
1199
SSOP48_07
X_PKGGND
100
1100
SSOP48_04
XABT16241IN
1001
2
1199
1100
ABT16241__IN
.ENDS ABT16241IN
*
* ABT16241 OUTPUT SUBCIRCUIT
*
NODES:
INTERNAL INPUT NODE
*
|
OUTPUT NODE
*
|
|
INTERNAL OE NODE
*
|
|
|
VCC
*
|
|
|
|
GND
*
|
|
|
|
|
.SUBCKT ABT16241OUT
4
5
6
199
100
X_PKGOUT
5
1005
SSOP48_02
X_PKGVCC
199
1199
SSOP48_07
X_PKGGND
100
1100
SSOP48_04
XABT16241OUT
4
1005
6
1199
1100
ABT16241__OUT
.ENDS ABT16241OUT
*
.SUBCKT ABT16241__IN
501
502
599
500
XP1
502
504
506
599
PM
WP=200U
LP=0.8U
XP2
509
502
599
599
PM
WP=20U
LP=0.8U
XP3
506
509
599
599
PM
WP=85U
LP=0.8U
XP4
508
500
599
599
PM
WP=50U
LP=0.8U
XN1
502
504
500
500
NM
WN=220U
LN=0.8U
XN2
509
502
500
500
NM
WN=20U
LN=0.8U
XN4
599
500
508
500
NM
WN=20U
LN=0.8U
QA
599
508
507
Q2_NPN
10
QB
599
507
506
Q5_NPN
60
Q_ESD1
501
500
500
Q7_NPN
200
Q_ESD
504
505
500
Q5_NPN
46
XR1
506
507
507
507
RMOS
WR=4U
RES=6K
RESD1
501
504
50
RESD2
505
500
1K
CBP
501
500
0.3P
CL
502
500
0.2P
.ENDS ABT16241__IN
*
.SUBCKT ABT16241__OUT
601
602
603
699
600
XP1
605
603
699
699
PM
WP=200U
LP=0.8U
XP4
601
603
621
699
PM
WP=40U
LP=0.8U
XP5
613
601
605
699
PM
WP=30U
LP=0.8U
XP10
618
603
699
699
PM
WP=50U
LP=0.8U
XP11
607
612
605
699
PM
WP=60U
LP=0.8U
XN1
607
601
608
600
NM
WN=100U
LN=0.8U


同様の部品番号 - SN74ABT16241

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT16241A TI-SN74ABT16241A Datasheet
107Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT16241A TI1-SN74ABT16241A Datasheet
559Kb / 15P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT16241ADGG TI-SN74ABT16241ADGG Datasheet
107Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT16241ADGGR TI1-SN74ABT16241ADGGR Datasheet
559Kb / 15P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT16241ADGV TI-SN74ABT16241ADGV Datasheet
107Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74ABT16241

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC16244 HITACHI-HD74ALVC16244 Datasheet
51Kb / 11P
   16-bit Buffer / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16240 TI1-SN74ALVCH16240_14 Datasheet
521Kb / 15P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_06 Datasheet
463Kb / 16P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A-Q1 TI1-SN74LVC16244A-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_09 Datasheet
640Kb / 20P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162244 PERICOM-PI74ALVCH162244 Datasheet
417Kb / 4P
   16-Bit Buffer Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com