データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ABT8245 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74ABT8245
部品情報  SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT8245 データシート(HTML) 10 Page - Texas Instruments

Back Button SN74ABT8245 Datasheet HTML 6Page - Texas Instruments SN74ABT8245 Datasheet HTML 7Page - Texas Instruments SN74ABT8245 Datasheet HTML 8Page - Texas Instruments SN74ABT8245 Datasheet HTML 9Page - Texas Instruments SN74ABT8245 Datasheet HTML 10Page - Texas Instruments SN74ABT8245 Datasheet HTML 11Page - Texas Instruments SN74ABT8245 Datasheet HTML 12Page - Texas Instruments SN74ABT8245 Datasheet HTML 13Page - Texas Instruments SN74ABT8245 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
SN54ABT8245, SN74ABT8245
SCAN TEST DEVICES
WITH OCTAL BUS TRANSCEIVERS
SCBS124D – AUGUST 1992 – REVISED DECEMBER 1996
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
boundary-control register
The boundary-control register (BCR) is 11 bits long. The BCR is used in the context of the RUNT instruction to
implement additional test operations not included in the basic SCOPE
™ instruction set. Such operations include
PRPG, PSA with input masking, and binary count up (COUNT). Table 4 shows the test operations decoded by
the BCR.
During Capture-DR, the contents of the BCR are not changed. At power up or in Test-Logic-Reset, the BCR is
reset to the binary value 00000000010, which selects the PSA test operation with no input masking.
The BCR order of scan is from TDI through bits 10 – 0 to TDO. Table 2 shows the BCR bits and their associated
test control signals.
Table 2. Boundary-Control Register Configuration
BCR BIT
NUMBER
TEST
CONTROL
SIGNAL
BCR BIT
NUMBER
TEST
CONTROL
SIGNAL
BCR BIT
NUMBER
TEST
CONTROL
SIGNAL
10
MASK8
6
MASK4
2
OPCODE2
9
MASK7
5
MASK3
1
OPCODE1
8
MASK6
4
MASK2
0
OPCODE0
7
MASK5
3
MASK1
––
––
bypass register
The bypass register is a 1-bit scan path that can be selected to shorten the length of the system scan path,
thereby reducing the number of bits per test pattern that must be applied to complete a test operation.
During Capture-DR, the bypass register captures a logic 0. The bypass register order of scan is shown in
Figure 3.
Bit 0
TDO
TDI
Figure 3. Bypass Register Order of Scan


同様の部品番号 - SN74ABT8245

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT8245 TI-SN74ABT8245 Datasheet
364Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN74ABT8245 TI-SN74ABT8245 Datasheet
483Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN74ABT8245 TI-SN74ABT8245 Datasheet
635Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN74ABT8245DW TI-SN74ABT8245DW Datasheet
364Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN74ABT8245DW TI-SN74ABT8245DW Datasheet
483Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
More results

同様の説明 - SN74ABT8245

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54ABT8245 TI-SN54ABT8245_07 Datasheet
635Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54BCT8245A TI-SN54BCT8245A Datasheet
309Kb / 22P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54BCT8245A TI-SN54BCT8245A_08 Datasheet
658Kb / 29P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245 Datasheet
364Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_06 Datasheet
483Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8952 TI-SN54ABT8952_07 Datasheet
529Kb / 29P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8952 TI-SN54ABT8952 Datasheet
365Kb / 24P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8543 TI-SN54ABT8543 Datasheet
357Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8543 TI1-SN54ABT8543_15 Datasheet
537Kb / 31P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8646 TI-SN54ABT8646 Datasheet
537Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND RESISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com