データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EVAL-418-B データシート(PDF) 3 Page - Radiometrix Ltd

部品番号 EVAL-418-B
部品情報  UHF Radio Telemetry Receiver Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RADIOMETRIX [Radiometrix Ltd]
ホームページ  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

EVAL-418-B データシート(HTML) 3 Page - Radiometrix Ltd

  EVAL-418-B Datasheet HTML 1Page - Radiometrix Ltd EVAL-418-B Datasheet HTML 2Page - Radiometrix Ltd EVAL-418-B Datasheet HTML 3Page - Radiometrix Ltd EVAL-418-B Datasheet HTML 4Page - Radiometrix Ltd EVAL-418-B Datasheet HTML 5Page - Radiometrix Ltd EVAL-418-B Datasheet HTML 6Page - Radiometrix Ltd EVAL-418-B Datasheet HTML 7Page - Radiometrix Ltd EVAL-418-B Datasheet HTML 8Page - Radiometrix Ltd EVAL-418-B Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Radiometrix Ltd, SILRX-UHF Data Sheet
page 3
Pin Description
pin
1
RF IN
The receiver antenna connects to this input. It has nominal RF
impedance of 50Ω and is capacitively isolated from the internal circuit
pin
2
RF GROUND
This pin should be connected to any ground plane against which the
antenna works. It is internally connected to pin 4.
pin
3
DETECT
This pin may be used to derive a carrier detect to enable external circuits
when a signal is being received. If the detect function is not being used a
10 kΩ pull-up to pin 5 (Vcc) should be connected. Refer to applications
note for further details on the use of this pin.
pin
4
0 volt
Ground for supply.
pin
5
Vcc
Positive supply of 4V to 9V 13 mA. The supply must be clean (<2mV pp)
stable and free of high frequency digital noise. A supply filter is
recommended unless the module is driven from it’s own regulated supply.
pin
6
AF
This is the FM demodulator output. It has an standing DC bias of
approximately 1.4V and may be used to drive analogue data detectors
such as modem chips or DTMF decoders. Load impedances as low as 2 kΩ
and up to 100 pF can be driven
pin
7
DATA
This digital output from the internal data slicer is a squared version of
the signal on pin 6 (AF) This signal is used to drive external digital
decoders, it is true data (i.e. as fed to the transmitters data input). Load
impedances as low as 1 kΩ and up to 1 nF can be driven
.
figure 3: Mechanical Dimensions:


同様の部品番号 - EVAL-418-B

メーカー部品番号データシート部品情報
logo
Linx Technologies
EVAL-418-HH-KF-DS LINX-EVAL-418-HH-KF-DS Datasheet
1Mb / 9P
   DS Keyfob Transmitter
2014
EVAL-418-HH-KF-HT LINX-EVAL-418-HH-KF-HT Datasheet
1Mb / 9P
   HT Keyfob Transmitter
2015
EVAL-418-HHCP LINX-EVAL-418-HHCP Datasheet
1Mb / 9P
   OEM Compact Handheld Transmitter
2015
EVAL-418-HHCP LINX-EVAL-418-HHCP Datasheet
1Mb / 9P
   OEM Transmitter Evaluation Kit
2016
EVAL-418-HHLR LINX-EVAL-418-HHLR Datasheet
1Mb / 9P
   OEM Long-Range Handheld Transmitter
2015
More results

同様の説明 - EVAL-418-B

メーカー部品番号データシート部品情報
logo
Radiometrix Ltd
RXM-UHF RADIOMETRIX-RXM-UHF Datasheet
178Kb / 9P
   UHF Radio Telemetry Receiver Module
TXM-433-10 RADIOMETRIX-TXM-433-10 Datasheet
336Kb / 11P
   UHF Radio Telemetry Transmit Module
logo
rfsolutions.ltd
ZULU-T868 RFSOLUTIONS-ZULU-T868 Datasheet
72Kb / 1P
   Smart RADIO Telemetry Module
DS-ZULUT RFSOLUTIONS-DS-ZULUT Datasheet
3Mb / 17P
   Smart Radio Telemetry Module
200-433FR RFSOLUTIONS-200-433FR Datasheet
396Kb / 11P
   Modular Radio Telemetry System
logo
SparkFun Electronics
WRL-15007 SPARKFUN-WRL-15007 Datasheet
84Kb / 2P
   Pixhawk Radio Telemetry Kit
11-12-18
logo
Texas Instruments
TRF1400 TI-TRF1400 Datasheet
517Kb / 19P
[Old version datasheet]   RF TELEMETRY RECEIVERS VHF/UHF RZ ASK REMOTE CONTROL RECEIVER
logo
List of Unclassifed Man...
MRX-005S ETC2-MRX-005S Datasheet
268Kb / 9P
   UHF AM RECEIVER MODULE
logo
rfsolutions.ltd
PRO-LORAT1-8S10 RFSOLUTIONS-PRO-LORAT1-8S10 Datasheet
3Mb / 8P
   Professional LoRa Telemetry Radio System
DS-BRAVO-E RFSOLUTIONS-DS-BRAVO-E Datasheet
1Mb / 12P
   SmartRadio Telemetry Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com