データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD70GK18 データシート(PDF) 3 Page - Sirectifier Semiconductors

部品番号 STD70GK18
部品情報  Thyristor-Diode Modules, Diode-Thyristor Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIRECTIFIER [Sirectifier Semiconductors]
ホームページ  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STD70GK18 データシート(HTML) 3 Page - Sirectifier Semiconductors

  STD70GK18 Datasheet HTML 1Page - Sirectifier Semiconductors STD70GK18 Datasheet HTML 2Page - Sirectifier Semiconductors STD70GK18 Datasheet HTML 3Page - Sirectifier Semiconductors STD70GK18 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
STD/SDT70
Thyristor-Diode Modules, Diode-Thyristor Modules
Fig. 1 Surge overload current
I
TSM, IFSM: Crest value, t: duration
Fig. 2 i2dt versus time (1-10 ms)
Fig. 2a Maximum forward current
at case temperature
Fig. 3
Power dissipation versus on-state current and ambient temperature
(per thyristor or diode)
Fig. 5 Three phase rectifier bridge: Power dissipation versus direct output current
and ambient temperature
Fig. 4 Gate trigger characteristics
Fig. 6 Gate trigger delay time
100
101
102
103
104
0.1
1
10
I
G
V
G
mA
1: I
GT, TVJ = 125
oC
2: I
GT, TVJ =
25
oC
3: I
GT, TVJ = -40
oC
V
4: P
GAV = 0.5 W
5: P
GM =
5 W
6: P
GM = 10 W
I
GD, TVJ = 125
oC
3
4
2
1
5
6
10
100
1000
1
10
100
1000
mA
I
G
s
t
gd
Limit
typ.
T
VJ = 25
oC
3 x STD/SDT70


同様の部品番号 - STD70GK18

メーカー部品番号データシート部品情報
logo
Sirectifier Global Corp...
STD70GK18 SIRECT-STD70GK18 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD70GK18 SIRECTIFIER-STD70GK18 Datasheet
266Kb / 4P
   Thyristor-Diode Modules
STD70GK18B SIRECTIFIER-STD70GK18B Datasheet
576Kb / 4P
   Thyristor-Diode Modules
STD70GK18B SIRECTIFIER-STD70GK18B Datasheet
576Kb / 4P
   Thyristor-Diode Modules
More results

同様の説明 - STD70GK18

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT18 SIRECT-SDT18 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
SDT116 SIRECT-SDT116 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com